Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 55 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 55 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 51Page - Texas Instruments HEATEVM Datasheet HTML 52Page - Texas Instruments HEATEVM Datasheet HTML 53Page - Texas Instruments HEATEVM Datasheet HTML 54Page - Texas Instruments HEATEVM Datasheet HTML 55Page - Texas Instruments HEATEVM Datasheet HTML 56Page - Texas Instruments HEATEVM Datasheet HTML 57Page - Texas Instruments HEATEVM Datasheet HTML 58Page - Texas Instruments HEATEVM Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
tf
tr
VCC
80%
80%
20%
20%
0
Output
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
OUTPUT TIMINGS
Switching Characteristics for Output Timings versus Load Capacitance ©L)
(1)
(see Figure 14)
PARAMETER
MIN
MAX
UNIT
CL = 15 pF
0.5
2.5
CL = 50 pF
1.5
5.0
tr
Rise time, AWD, CLKOUT, TDI, TDO, TMS, TMS2
ns
CL = 100 pF
3.0
9.0
CL = 150 pF
4.5
12.5
CL = 15 pF
0.5
2.5
CL = 50 pF
1.5
5.0
tf
Fall time, AWD, CLKOUT, TDI, TDO, TMS, TMS2
ns
CL = 100 pF
3.0
9.0
CL = 150 pF
4.5
12.5
CL = 15 pF
2.5
8
CL = 50 pF
5
14
tr
Rise time, RST
ns
CL = 100 pF
9
23
CL = 150 pF
13
32
CL = 15 pF
3
10
CL = 50 pF
3.5
12
tr
Rise time, 4mA, 5 V tolerant pins
CL = 100 pF
7
21
ns
CL = 150 pF
9
28
CL = 400 pF
18
40
CL = 15 pF
2
8
CL = 50 pF
2.5
9
tf
Fall time, 4mA, 5 V tolerant pins
CL = 100 pF
8
25
ns
CL = 150 pF
11
35
CL = 400 pF
20
45
CL = 15 pF
2.5
10
CL = 50 pF
6.0
25
tr
Rise time, all other output pins
ns
CL = 100 pF
12
45
CL = 150 pF
18
65
CL = 15 pF
3
10
CL = 50 pF
8.5
25
tf
Fall time, all other output pins
ns
CL = 100 pF
16
45
CL = 150 pF
23
65
(1)
Not production tested.
Figure 14. CMOS-Level Outputs
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com