Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 11 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 11 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 7Page - Texas Instruments HEATEVM Datasheet HTML 8Page - Texas Instruments HEATEVM Datasheet HTML 9Page - Texas Instruments HEATEVM Datasheet HTML 10Page - Texas Instruments HEATEVM Datasheet HTML 11Page - Texas Instruments HEATEVM Datasheet HTML 12Page - Texas Instruments HEATEVM Datasheet HTML 13Page - Texas Instruments HEATEVM Datasheet HTML 14Page - Texas Instruments HEATEVM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
DESCRIPTION
The SM470R1B1M (1) devices are members of the Texas Instruments SM470R1x family of general-purpose
16/32-bit reduced instruction set computer (RISC) microcontrollers. The B1M microcontroller offers high
performance utilizing the high-speed ARM7TDMI 16/32-bit RISC central processing unit (CPU), resulting in a
high instruction throughput while maintaining greater code efficiency. The ARM7TDMI 16/32-bit RISC CPU views
memory as a linear collection of bytes numbered upwards from zero. The SM470R1B1M utilizes the big-endian
format where the most significant byte of a word is stored at the lowest numbered byte and the least significant
byte at the highest numbered byte.
High-end embedded control applications demand more performance from their controllers while maintaining low
costs. The B1M RISC core architecture offers solutions to these performance and cost demands while
maintaining low power consumption.
The B1M devices contain the following:
•
ARM7TDMI 16/32-Bit RISC CPU
•
SM470R1x system module (SYS) with 470+ enhancements
•
1M-byte flash
•
64K-byte SRAM
•
Zero-pin phase-locked loop (ZPLL) clock module
•
Digital watchdog (DWD) timer
•
Analog watchdog (AWD) timer
•
Enhanced real-time interrupt ( RTI) module
•
Interrupt expansion module (IEM)
•
Memory security module (MSM)
•
JTAG security module
•
Two serial peripheral interface (SPI) modules
•
Three serial communications interface (SCI) modules
•
Two high-end CAN controllers (HECC)
•
Five inter-integrated circuit (I2C) modules
•
10-bit multi-buffered analog-to-digital converter (MibADC), with 12 input channels
•
High-end timer lite (HET) controlling 12 I/Os
•
External clock prescale (ECP)
•
Expansion bus module (EBM)
•
Up to 93 I/O pins
The functions performed by the 470+ system module (SYS) include:
•
Address decoding
•
Memory protection
•
Memory and peripherals bus supervision
•
Reset and abort exception management
•
Prioritization for all internal interrupt sources
•
Device clock control
•
Parallel signature analysis (PSA)
The enhanced real-time interrupt (RTI) module on the B1M has the option to be driven by the oscillator clock.
The digital watchdog (DWD) is a 25-bit resettable decrementing counter that provides a system reset when the
watchdog counter expires. This data sheet includes device-specific information such as memory and peripheral
select assignment, interrupt priority, and a device memory map. For a more detailed functional description of the
SYS module, see the TMS470R1x System Module Reference Guide (literature number SPNU189).
The B1M memory includes general-purpose SRAM supporting single-cycle read/write accesses in byte, half-
word, and word modes.
(1)
Throughout the remainder of this document, the SM470R1B1M will be referred to as either the full device name or as B1M.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com