Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 13 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 13 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 9Page - Texas Instruments HEATEVM Datasheet HTML 10Page - Texas Instruments HEATEVM Datasheet HTML 11Page - Texas Instruments HEATEVM Datasheet HTML 12Page - Texas Instruments HEATEVM Datasheet HTML 13Page - Texas Instruments HEATEVM Datasheet HTML 14Page - Texas Instruments HEATEVM Datasheet HTML 15Page - Texas Instruments HEATEVM Datasheet HTML 16Page - Texas Instruments HEATEVM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
The B1M device also has an external clock prescaler (ECP) module that when enabled, outputs a continuous
external clock (ECLK) on a specified GIO pin. The ECLK frequency is a user-programmable ratio of the
peripheral interface clock (ICLK) frequency. For more detailed functional information on the ECP, see the
TMS470R1x External Clock Prescaler (ECP) Reference Guide (literature number SPNU202).
Device Characteristics
Table 3 identifies all the characteristics of the B1M device except the SYSTEM and CPU, which are generic.
Table 3. Device Characteristics
DEVICE DESCRIPTION
CHARACTERISTICS
COMMENTS
SM470R1B1M
MEMORY
For the number of memory selects on this device, see Table 6, SM470R1B1M Memory Selection Assignment.
Pipeline/Non-Pipeline
Flash is pipeline-capable.
1M-Byte flash
The B1M RAM is implemented in one 64K array selected by two
INTERNAL MEMORY
64K-Byte SRAM
memory-select signals (see Table 6, SM470R1B1M Memory
Selection Assignment ).
Memory Security Module (MSM)
JTAG Security Module
PERIPHERALS
For the device-specific interrupt priority configurations, see Table 9, Interrupt Priority. And for the 1K peripheral address ranges and their
peripheral selects, see Table 7, B1M Peripherals, System Module, and Flash Base Addresses.
CLOCK
ZPLL
Zero-pin PLL has no external loop filter pins.
Expansion Bus
Expansion bus module with 42 pins. Supports 8- and 16-bit
EBM
memories. See Table 10 for details.
GENERAL-PURPOSE I/Os
Port A has 8 external pins; Port B has only 1 external pin; Port C has
46 I/O
5 external pins; Port D has 6 external pins; Ports E, F, and G each
have 8 external pins; and Port H has 2 external pins.
ECP
YES
SCI
3 (3-pin)
CAN (HECC and/or SCC)
2 HECC
Two high-end CAN controllers
SPI (5-pin, 4-pin or 3-pin)
2 (5-pin)
I2C
5
The high-resolution (HR) SHARE feature allows even-numbered HR
pins to share the next higher odd-numbered HR pin structures. This
HR sharing is independent of whether or not the odd pin is available
HET with XOR Share
12 I/O
externally. If an odd pin is available externally and shared, then the
odd pin can only be used as a general-purpose I/O. For more
information on HR SHARE, see the TMS470R1x High-End Timer
(HET) Reference Guide (literature number SPNU199).
HET RAM
64-Instruction Capacity
10-bit, 12-channel
Both the logic and registers for a full 16-channel MibADC are
MibADC
64-word FIFO
present.
CORE VOLTAGE
1.8 V
I/O VOLTAGE
3.3 V
PINS
84 or 144
PACKAGES
HFQ, HKP or PGE
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com