Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 48 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 48 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 44Page - Texas Instruments HEATEVM Datasheet HTML 45Page - Texas Instruments HEATEVM Datasheet HTML 46Page - Texas Instruments HEATEVM Datasheet HTML 47Page - Texas Instruments HEATEVM Datasheet HTML 48Page - Texas Instruments HEATEVM Datasheet HTML 49Page - Texas Instruments HEATEVM Datasheet HTML 50Page - Texas Instruments HEATEVM Datasheet HTML 51Page - Texas Instruments HEATEVM Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
Tester Pin
Electronics
VLOAD
IOL
CL
IOH
Output
Under
Test
50
Ω
Where:
IOL
= IOL MAX for the respective pin (A)
IOH
= IOH MIN for the respective pin(A)
VLOAD = 1.5 V
CL
= 150-pF typical load-circuit capacitance(B)
SM470R1B1M-HT
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
www.ti.com
Parameter Measurement Information
A.
For these values, see the "Electrical Characteristics over Recommended Operating Free-Air Temperature Range"
table.
B.
All timing parameters measured using an external load capacitance of 150 pF unless otherwise noted.
Figure 8. Test Load Circuit
48
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com