Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 69 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 69 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 65Page - Texas Instruments HEATEVM Datasheet HTML 66Page - Texas Instruments HEATEVM Datasheet HTML 67Page - Texas Instruments HEATEVM Datasheet HTML 68Page - Texas Instruments HEATEVM Datasheet HTML 69Page - Texas Instruments HEATEVM Datasheet HTML 70Page - Texas Instruments HEATEVM Datasheet HTML 71Page - Texas Instruments HEATEVM Datasheet HTML 72Page - Texas Instruments HEATEVM Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
HIGH-END TIMER (HET) TIMINGS
Minimum PWM Output Pulse Width:
This is equal to one high resolution clock period (HRP). The HRP is defined by the 6-bit high resolution prescale
factor (hr), which is user defined, giving prescale factors of 1 to 64, with a linear increment of codes.
Therefore, the minimum PWM output pulse width = HRP(min) = hr(min)/SYSCLK = 1/SYSCLK
For example, for a SYSCLK of 30 MHz, the minimum PWM output pulse width = 1/30 = 33.33ns
Minimum Input Pulses that Can Be Captured:
The input pulse width must be greater or equal to the low resolution clock period (LRP), i.e., the HET loop (the
HET program must fit within the LRP). The LRP is defined by the 3-bit loop-resolution prescale factor (lr), which
is user defined, with a power of 2 increment of codes. That is, the value of lr can be 1, 2, 4, 8, 16, or 32.
Therefore, the minimum input pulse width = LRP(min) = hr(min) * lr(min)/SYSCLK = 1 * 1/SYSCLK
For example, with a SYSCLK of 30 MHz, the minimum input pulse width = 1 * 1/30 = 33.33 ns
NOTE
Once the input pulse width is greater than LRP, the resolution of the measurement is still
HRP. (That is, the captured value gives the number of HRP clocks inside the pulse.)
Abbreviations:
hr = HET high resolution divide rate = 1, 2, 3,...63, 64
lr = HET low resolution divide rate = 1, 2, 4, 8, 16, 32
High resolution clock period = HRP = hr/SYSCLK
Loop resolution clock period = LRP = hr*lr/SYSCLK
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com