Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 3 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 3 Page - Texas Instruments

  HEATEVM Datasheet HTML 1Page - Texas Instruments HEATEVM Datasheet HTML 2Page - Texas Instruments HEATEVM Datasheet HTML 3Page - Texas Instruments HEATEVM Datasheet HTML 4Page - Texas Instruments HEATEVM Datasheet HTML 5Page - Texas Instruments HEATEVM Datasheet HTML 6Page - Texas Instruments HEATEVM Datasheet HTML 7Page - Texas Instruments HEATEVM Datasheet HTML 8Page - Texas Instruments HEATEVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
KGD
SM470R1B1MKGDS1
SM470R1B1MKGDS1
–55°C to 220°C
CQFP-HFQ
SM470R1B1MHFQS
SM470R1B1MHFQS
CQFP-HKP
SM470R1B1MHKPS
SM470R1B1MHKPS
–55°C to 150°C
LQFP-PGE
SM470R1B1MPGES
SM470R1B1MPGES
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
DIE LAYOUT
Table 1. Bare Die Information
DIE PAD
DIE
DIE PAD
BACKSIDE
BACKSIDE
DIE SIZE
DIE PAD SIZE
COORDINATES(1)
THICKNESS
COMPOSITION
FINISH
POTENTIAL
208.858 x 211.890 mils/
Silicon with
65.1 x 65.1(µm)
See Table 2
11 mils
AlCu
Ground
5304.99 x 5382.01 µm
backgrind
(1)
Pads 12, 22, 26, 136, 143, 146, 149 and 152 are test pads, no connections required. It is highly recommended to leave them open.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com