Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 53 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 53 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 49Page - Texas Instruments HEATEVM Datasheet HTML 50Page - Texas Instruments HEATEVM Datasheet HTML 51Page - Texas Instruments HEATEVM Datasheet HTML 52Page - Texas Instruments HEATEVM Datasheet HTML 53Page - Texas Instruments HEATEVM Datasheet HTML 54Page - Texas Instruments HEATEVM Datasheet HTML 55Page - Texas Instruments HEATEVM Datasheet HTML 56Page - Texas Instruments HEATEVM Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
VCCP /VCCIO
VCC
VCCPORH
VCCIOPORL
VIL(PORRST)
VCCIOPORH
VCCIOPORH
VCCIOPORL
VCCPORL
VCC
PORRST
VCCIO
VCCPORH
VCCPORL
VIL
VIL
VIL
VIL
VIL(PORRST)
VCCP/VCCIO
VCC
th(PORRST)rio
th(PORRST)r
tsu(PORRST)f
th(PORRST)r
tsu(PORRST)fio
tsu(PORRST)f
tsu(VCCIO)f
tsu(VCCIO)r
tsu(PORRST)r
th(PORRST)d
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
RST AND PORRST TIMINGS
Timing Requirements for PORRST
(1)
(see Figure 12)
MIN
MAX UNIT
VCCPORL
VCC low supply level when PORRST must be active during power up
0.6
V
VCC high supply level when PORRST must remain active during power up and become
VCCPORH
1.5
V
active during power down
VCCIOPORL
VCCIO low supply level when PORRST must be active during power up
1.1
V
VCCIO high supply level when PORRST must remain active during power up and become
VCCIOPORH
2.75
V
active during power down
VIL
Low-level input voltage after VCCIO > VCCIOPORH
0.2 VCCIO
V
VIL(PORRST)
Low-level input voltage of PORRST before VCCIO > VCCIOPORL
0.5
V
tsu(PORRST)r
Setup time, PORRST active before VCCIO > VCCIOPORL during power up
0
ms
tsu(VCCIO)r
Setup time, VCCIO >VCCIOPORL before VCC > VCCPORL
0
ms
th(PORRST)r
Hold time, PORRST active after VCC > VCCPORH
1
ms
tsu(PORRST)f
Setup time, PORRST active before VCC ≤ VCCPORH during power down
8
µs
th(PORRST)rio
Hold time, PORRST active after VCC > VCCIOPORH
1
ms
th(PORRST)d
Hold time, PORRST active after VCC < VCCPORL
0
ms
tsu(PORRST)fio
Setup time, PORRST active before VCC ≤ VCCIOPORH during power down
0
ns
tsu(VCCIO)f
Setup time, VCC < VCCPORL before VCCIO < VCCIOPORL
0
ns
(1)
Not production tested.
NOTE: VCCIO > 1.1 V before VCC > 0.6 V
Figure 12. PORRST Timing Diagram
Switching Characteristics over Recommended Operating Conditions for RST
(1) (2)
PARAMETER
MIN
MAX UNIT
Valid time, RST active after PORRST inactive
4112tc(OSC)
tv(RST)
ns
Valid time, RST active (all others)
8tc(SYS)
Flash start up time, from RST inactive to fetch of first instruction from flash (flash pump
tfsu
836tc(OSC)
ns
stabilization time)
(1)
Not production tested.
(2)
Specified values do NOT include rise/fall times. For rise and fall timings, see the "switching characteristics for output timings versus load
capacitance" table.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com