Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 59 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 59 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 55Page - Texas Instruments HEATEVM Datasheet HTML 56Page - Texas Instruments HEATEVM Datasheet HTML 57Page - Texas Instruments HEATEVM Datasheet HTML 58Page - Texas Instruments HEATEVM Datasheet HTML 59Page - Texas Instruments HEATEVM Datasheet HTML 60Page - Texas Instruments HEATEVM Datasheet HTML 61Page - Texas Instruments HEATEVM Datasheet HTML 62Page - Texas Instruments HEATEVM Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
SPIn SLAVE MODE TIMING PARAMETERS
SPIn Slave Mode External Timing Parameters
(1)
(CLOCK PHASE = 0, SPInCLK = input, SPInSIMO = input, and SPInSOMI = output)
(2) (3) (4) (5) (see Figure 18)
NO.
MIN
MAX
UNIT
1
tc(SPC)S
Cycle time, SPInCLK(6)
100
256tc(ICLK)
tw(SPCH)S
Pulse duration, SPInCLK high (clock polarity = 0)
0.5tc(SPC)S – 0.25tc(ICLK)
0.5tc(SPC)S + 0.25tc(ICLK)
2(7)
tw(SPCL)S
Pulse duration, SPInCLK low (clock polarity = 1)
0.5tc(SPC)S – 0.25tc(ICLK)
0.5tc(SPC)S + 0.25tc(ICLK)
tw(SPCL)S
Pulse duration, SPInCLK low (clock polarity = 0)
0.5tc(SPC)S – 0.25tc(ICLK)
0.5tc(SPC)S + 0.25tc(ICLK)
3(7)
tw(SPCH)S
Pulse duration, SPInCLK high (clock polarity = 1)
0.5tc(SPC)S – 0.25tc(ICLK)
0.5tc(SPC)S + 0.25tc(ICLK)
Delay time, SPInCLK high to SPInSOMI valid
td(SPCH-SOMI)S
6 + tr
(clock polarity = 0)
4(7)
Delay time, SPInCLK low to SPInSOMI valid
td(SPCL-SOMI)S
6 + tf
(clock polarity = 1)
Valid time, SPInSOMI data valid after SPInCLK high
tv(SPCH-SOMI)S
tc(SPC)S – 6 – tr
ns
(clock polarity = 0)
5(7)
Valid time, SPInSOMI data valid after SPInCLK low
tv(SPCL-SOMI)S
tc(SPC)S – 6 – tf
(clock polarity = 1)
Setup time, SPInSIMO before SPInCLK low
tsu(SIMO-SPCL)S
6
(clock polarity = 0)
6(7)
Setup time, SPInSIMO before SPInCLK high
tsu(SIMO-SPCH)S
6
(clock polarity = 1)
Valid time, SPInSIMO data valid after SPInCLK low
tv(SPCL-SIMO)S
6
(clock polarity = 0)
7(7)
Valid time, SPInSIMO data valid after SPInCLK high
tv(SPCH-SIMO)S
6
(clock polarity = 1)
(1)
Not production tested.
(2)
The MASTER bit (SPInCTRL2.3) is cleared and the CLOCK PHASE bit (SPInCTRL2.0) is cleared.
(3)
If the SPI is in slave mode, the following must be true: tc(SPC)S ≥ (PS + 1) tc(ICLK), where PS = prescale value set in SPInCTL1[12:5].
(4)
For rise and fall timings, see the "Switching Characteristics for Output Timings versus Load Capacitance" table.
(5)
tc(ICLK) = interface clock cycle time = 1/f(ICLK)
(6)
When the SPIn is in slave mode, the following must be true:
For PS values from 1 to 255: t c(SPC)S ≥ (PS +1)tc(ICLK) ≥ 100 ns, where PS is the prescale value set in the SPInCTL1[12:5] register bits.
For PS values of 0: tc(SPC)S = 2t c(ICLK) ≥ 100 ns.
(7)
The active edge of the SPInCLK signal referenced is controlled by the CLOCK POLARITY bit (SPInCTRL2.1).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com