Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 36 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 36 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 32Page - Texas Instruments HEATEVM Datasheet HTML 33Page - Texas Instruments HEATEVM Datasheet HTML 34Page - Texas Instruments HEATEVM Datasheet HTML 35Page - Texas Instruments HEATEVM Datasheet HTML 36Page - Texas Instruments HEATEVM Datasheet HTML 37Page - Texas Instruments HEATEVM Datasheet HTML 38Page - Texas Instruments HEATEVM Datasheet HTML 39Page - Texas Instruments HEATEVM Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
SM470R1B1M-HT
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
www.ti.com
expansion bus module (EBM)
The expansion bus module (EBM) is a standalone module used to bond out both general-purpose input/output
pins and expansion bus interface pins. This module supports the multiplexing of the GIO and the expansion bus
interface functions. The module also supports 8- and 16- bit expansion bus memory interface mappings as well
as mapping of the following expansion bus signals:
•
27-bit address bus (EBADDR[26:0] for x8, 19-bit address bus (EBADDR[18:0] for x16
•
8- or 16-bit data bus (EBDATA[7:0] or EBDATA[15:0])
•
2 write strobes (EBWR[1:0])
•
2 memory chip selects (EBCS[6:5])
•
1 output enable (EBOE)
•
1 external hold signal for interfacing to slow memories (EBHOLD)
•
1 DMA request line (EBDMAREQ[0])
Table 10 shows the multiplexing of I/O signals with the expansion bus interface signals. The mapping of these
pins varies depending on the memory mode.
Table 10. Expansion Bus Mux Mapping(1)
EXPANSION BUS MODULE PINS
GIO
x8(2)
x16(2)
GIOB[0]
EBDMAREQ[0]
EBDMAREQ[0]
GIOC[0]
EBOE
EBOE
GIOC[2:1]
EBWR[1:0]
EBWR[1:0]
GIOC[4:3]
EBCS[6:5]
EBCS[6:5]
GIOD[5:0]
EBADDR[5:0]
EBADDR[5:0]
GIOE[7:0]
EBDATA[7:0]
EBDATA[7:0]
GIOF[7:0]
EBADDR[13:6]
EBDATA[15:8]
GIOG[7:0]
EBADDR[21:14]
EBADDR[13:6]
GIOH[5]
EBHOLD
EBHOLD
I2C5SDA
EBADDR[26]
EBADDR[18]
I2C5SCL
EBADDR[25]
EBADDR[17]
I2C4SCL
EBADDR[24]
EBADDR[16]
I2C4SDA
EBADDR[23]
EBADDR[15]
GIOH[0]
EBADDR[22]
EBADDR[14]
(1)
For more detailed information, see theTMS470R1x Expansion Bus Module (EBM) Reference Guide (literature number SPNU222) and
the TMS470R1x General Purpose Input/Output Reference Guide (literature number SPNU192).
(2)
X8 refers to size of memory in 8-bits; X16 refers to size of memory in 16-bits.
Table 11 lists the names of the expansion bus interface signals and their functions.
Table 11. Expansion Bus Pins
PIN
DESCRIPTION
EBDMAREQ
Expansion bus DMA request
EBOE
Expansion bus pin enable
EBWR
Expansion bus write strobe EBWR[1] controls EBDATA[15:8] and EBWR[0]
controls EBDATA[7:0]
EBCS
Expansion bus chip select
EBADDR
Expansion bus address pins
EBDATA
Expansion bus data pins
EBHOLD
Expansion bus hold: An external device may assert this signal to add wait
states to an expansion bus transaction.
36
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com