Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 40 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 40 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 36Page - fujitsu semiconductor MB89913 Datasheet HTML 37Page - fujitsu semiconductor MB89913 Datasheet HTML 38Page - fujitsu semiconductor MB89913 Datasheet HTML 39Page - fujitsu semiconductor MB89913 Datasheet HTML 40Page - fujitsu semiconductor MB89913 Datasheet HTML 41Page - fujitsu semiconductor MB89913 Datasheet HTML 42Page - fujitsu semiconductor MB89913 Datasheet HTML 43Page - fujitsu semiconductor MB89913 Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
40
MB89910 Series
s EXAMPLE CHARACTERISTICS
(3) “H” Level Input Voltage/“L” Level Input Voltage (Hysteresis Input)
010
1
2
34
56
78
9
0.1
0.2
0.3
0.4
0.5
VOL (V)
VCC = 2.5 V
VCC = 3.0 V
VCC = 4.0 V
VCC = 6.0 V
IOL (mA)
0.0
TA = +25
°C
VOL vs. IOL
VCC = 5.0 V
0.0
1.0
VCC – VOH (V)
VCC = 2.5 V
VCC = 3.0 V
VCC = 6.0 V
IOH (mA)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
TA = +25
°C
VCC – VOH vs. IOH
VCC = 4.0 V
VCC = 5.0 V
(1) “L” Level Output Voltage
(2) “H” Level Output Voltage
01
2
3
4
5
6
7
VCC (V)
5.0
VIN (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIHS
VILS
TA = +25
°C
CMOS hysteresis input
VIHS: Threshold when input voltage in hysteresis characteristics is set to “H” level
VILS: Threshold when input voltage in hysteresis characteristics is set to “L” level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com