Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 44 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 44 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 40Page - fujitsu semiconductor MB89913 Datasheet HTML 41Page - fujitsu semiconductor MB89913 Datasheet HTML 42Page - fujitsu semiconductor MB89913 Datasheet HTML 43Page - fujitsu semiconductor MB89913 Datasheet HTML 44Page - fujitsu semiconductor MB89913 Datasheet HTML 45Page - fujitsu semiconductor MB89913 Datasheet HTML 46Page - fujitsu semiconductor MB89913 Datasheet HTML 47Page - fujitsu semiconductor MB89913 Datasheet HTML 48Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
44
MB89910 Series
(Continued)
Columns indicate the following:
Mnemonic:
Assembler notation of an instruction
~:
Number of instructions
#:
Number of bytes
Operation:
Operation of an instruction
TL, TH, AH:
A content change when each of the TL, TH, and AH instructions is executed. Symbols in
the column indicate the following:
•
“–” indicates no change.
• dH is the 8 upper bits of operation description data.
• AL and AH must become the contents of AL and AH immediately before the instruction
is executed.
• 00 becomes 00.
N, Z, V, C:
An instruction of which the corresponding flag will change. If + is written in this column,
the relevant instruction will change its corresponding flag.
OP code:
Code of an instruction. If an instruction is more than one code, it is written according to
the following rule:
Example: 48 to 4F
← This indicates 48, 49, ... 4F.
Symbol
Meaning
EP
Extra pointer EP (16 bits)
PC
Program counter PC (16 bits)
SP
Stack pointer SP (16 bits)
PS
Program status PS (16 bits)
dr
Accumulator A or index register IX (16 bits)
CCR
Condition code register CCR (8 bits)
RP
Register bank pointer RP (5 bits)
Ri
General-purpose register Ri (8 bits, i = 0 to 7)
×
Indicates that the very
× is the immediate data.
(Whether its length is 8 or 16 bits is determined by the instruction in use.)
(
× )
Indicates that the contents of
× is the target of accessing.
(Whether its length is 8 or 16 bits is determined by the instruction in use.)
((
× ))
The address indicated by the contents of
× is the target of accessing.
(Whether its length is 8 or 16 bits is determined by the instruction in use.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com