Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 32Page - fujitsu semiconductor MB89913 Datasheet HTML 33Page - fujitsu semiconductor MB89913 Datasheet HTML 34Page - fujitsu semiconductor MB89913 Datasheet HTML 35Page - fujitsu semiconductor MB89913 Datasheet HTML 36Page - fujitsu semiconductor MB89913 Datasheet HTML 37Page - fujitsu semiconductor MB89913 Datasheet HTML 38Page - fujitsu semiconductor MB89913 Datasheet HTML 39Page - fujitsu semiconductor MB89913 Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
36
MB89910 Series
• Internal Shift Clock Mode
• External Shift Clock Mode
0.8 V
2.4 V
2.4 V
tSLOV
0.2 VCC
0.8 V
0.8 V
0.8 VCC
0.2 VCC
0.8 VCC
SCK
SO
SI
tSCYC
tIVSH
tSHIX
tSLSH
2.4 V
tSLOV
0.2 VCC
tSHIX
0.8 VCC
0.8 V
tIVSH
0.8 VCC
0.2 VCC
0.8 VCC
SCK
SO
SI
tSHSL
0.8 VCC
0.2 VCC
0.2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com