Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 45Page - fujitsu semiconductor MB89913 Datasheet HTML 46Page - fujitsu semiconductor MB89913 Datasheet HTML 47Page - fujitsu semiconductor MB89913 Datasheet HTML 48Page - fujitsu semiconductor MB89913 Datasheet HTML 49Page - fujitsu semiconductor MB89913 Datasheet HTML 50Page - fujitsu semiconductor MB89913 Datasheet HTML 51Page - fujitsu semiconductor MB89913 Datasheet HTML 52Page - fujitsu semiconductor MB89913 Datasheet HTML 53Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
49
MB89910 Series
s MASK OPTIONS
s ORDERING INFORMATION
No.
Part number
MB89PV910
MB89913
MB89915
MB89P915
–101
–102
–101
–102
Specifying procedure
Setting not
possible
Setting not
possible
Specify when
ordering masking
Setting not
possible
Setting not
possible
1
Selection either single or
dual clock
Single-clock mode
Dual-clock mode
Single clock Dual clock
Selectable
Single clock Dual clock
2
Pull-down resistors
P17 to P10
P27 to P20
P51, P50
All pins fixed to without
pull-down resistor
Can be selected
per pin.
All pins fixed to without
pull-down resistor
3
Voltage to be detected for low-
voltage detection reset
3.3
± 0.3 V
3.6
± 0.3 V
4.0
± 0.3 V
Cannot be used.
Selectable
Can be set by register.
Part number
Package
Remarks
MB89913P-SH
MB89915P-SH
MB89P915P-101-SH
MB89P915P-102-SH
48-pin Plastic SH-DIP
(DIP-48P-M01)
MB89913PF
MB89915PF
MB89P915PF-101
MB89P915PF-102
48-pin Plastic QFP
(FPT-48P-M15)
MB89PV910C-101-ES-SH
MB89PV910C-102-ES-SH
64-pin Ceramic MDIP
(MDP-64C-P02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com