Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 30Page - fujitsu semiconductor MB89913 Datasheet HTML 31Page - fujitsu semiconductor MB89913 Datasheet HTML 32Page - fujitsu semiconductor MB89913 Datasheet HTML 33Page - fujitsu semiconductor MB89913 Datasheet HTML 34Page - fujitsu semiconductor MB89913 Datasheet HTML 35Page - fujitsu semiconductor MB89913 Datasheet HTML 36Page - fujitsu semiconductor MB89913 Datasheet HTML 37Page - fujitsu semiconductor MB89913 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
34
MB89910 Series
(5) Low-voltage Detection Reset
(AVSS = VSS 0.0 V, TA = –40
°C to +85°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Max.
Detection voltage at power
supply voltage fall
VDL1
—
3.00
3.60
V
VDH and VDL are set for
the MB89913/915 by
mask options and for
the MB89P915 by a
register.
VDL2
—
3.30
3.90
V
VDL3
—
3.70
4.40
V
Detection voltage at power
supply voltage rise
VDH1
—
3.10
3.80
V
VDH2
—
3.40
4.10
V
VDH3
—
3.80
4.60
V
Hysteresis width
∆V
—
0.10
—
V
Reset insensitive time
tL
—0.3
—
µs
Reset sensitive width
tLW
—
16 tXCYL
—ns
Reset detection delay time
tD
—
—
2.0
µs
Voltage regulation (V
∆/t∆)
VCR
—
—
0.10
V/
µs
∆ V
t
∆
V
∆
tD
RUN
RESET
VDH
VDL
RUN
RESET
t
t
VCC
VDH
VDL
VCC
Power supply voltage
tOSC
tOSC
tD
Power supply voltage
t L or less
t LW or less
tOSC oscillation stabilization time 218 = 32.8 ms (FCH = 8 MHz)
Reset not applied
Reset applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com