Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB89913 Datasheet HTML 1Page - fujitsu semiconductor MB89913 Datasheet HTML 2Page - fujitsu semiconductor MB89913 Datasheet HTML 3Page - fujitsu semiconductor MB89913 Datasheet HTML 4Page - fujitsu semiconductor MB89913 Datasheet HTML 5Page - fujitsu semiconductor MB89913 Datasheet HTML 6Page - fujitsu semiconductor MB89913 Datasheet HTML 7Page - fujitsu semiconductor MB89913 Datasheet HTML 8Page - fujitsu semiconductor MB89913 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
DS07-12521-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89910 Series
MB89913/915/P915/PV910
s DESCRIPTION
The MB89910 series has been developed as a general-purpose version of the F2MC*-8L family consisting of
proprietary 8-bit, single-chip microcontrollers.
In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such as
dual-clock control system, five operating speed control stages, timers, a serial interface, an A/D converter, a
buzzer output, a low-voltage detection reset, high-voltage driver, a watch prescaler, and external interrupts.
The MB89910 series is applicable to a wide range of applications from consumer products to industrial
equipments.
*: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
• Minimum execution time: 0.50
µs/8.0 MHz oscillation
• Interrupt processing time: 4.50
µs/8.0 MHz oscillation
•F2MC-8L family CPU core
• Dual-clock control system
(Continued)
s PACKAGE
Multiplication and division instructions
16-bit arithmetic operations
Test and branch instructions
Bit manipulation instructions, etc.
Instruction set optimized for controllers
(DIP-48P-M01)
(FPT-48P-M15)
(MDP-64C-P02)
48-pin Plastic SH-DIP
48-pin Plastic QFP
64-pin Ceramic MDIP


Similar Part No. - MB89913

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89920 FUJITSU-MB89920 Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
MB89923PF FUJITSU-MB89923PF Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89923PF FUJITSU-MB89923PF Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
More results

Similar Description - MB89913

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89160 FUJITSU-MB89160 Datasheet
845Kb / 53P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com