Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 21Page - fujitsu semiconductor MB89913 Datasheet HTML 22Page - fujitsu semiconductor MB89913 Datasheet HTML 23Page - fujitsu semiconductor MB89913 Datasheet HTML 24Page - fujitsu semiconductor MB89913 Datasheet HTML 25Page - fujitsu semiconductor MB89913 Datasheet HTML 26Page - fujitsu semiconductor MB89913 Datasheet HTML 27Page - fujitsu semiconductor MB89913 Datasheet HTML 28Page - fujitsu semiconductor MB89913 Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
25
MB89910 Series
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
(AVSS = VSS = 0.0 V)
(Continued)
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
AVR
VSS – 0.3
VSS + 7.0
V
AVR
≤ VCC + 0.3*1
VPP
– 0.6
13.0
V
VFDP
VCC – 40
VCC + 0.3
V
Input voltage
VI1
VSS – 0.3
VCC + 0.3
V
Except P41*2
VI2
VSS – 0.3
7.0
V
P41
Output voltage
VO1
VSS – 0.3
VCC + 0.3
V
Except P10 to P17,
P20 to P27, P50, P51*2
VO2
VCC – 40.0
VCC + 0.3
V
P10 to P17, P20 to P27
P50, P51
“H” level total maximum output
current
∑IOH
–120
mA
“H” level total average output
current
∑IOHAV
–90
mA
Average value (operating
current
× operating rate)
“H” level maximum output current
IOH
–12
mA
P00 to P07, P34 to P37, P40
–20
mA
P20 to P27, P50, P51
–36
mA
P10 to P17
“H” level average output current
IOHAV
–6
mA
P00 to P07, P34 to P37, P40
Average value (operating
current
× operating rate)
–10
mA
P20 to P27, P50, P51
Average value (operating
current
× operating rate)
–20
mA
P10 to P17
Average value (operating
current
× operating rate)
“L” level total maximum output
current
∑IOL
36
mA
“L” level total average output
current
∑IOLAV
20
mA
Average value (operating
current
× operating rate)
“L” level maximum output current
IOL
10
mA
P00 to P07, P30 to P37,
P40 to P47
“L” level average output current
IOLAV
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com