Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 23Page - fujitsu semiconductor MB89913 Datasheet HTML 24Page - fujitsu semiconductor MB89913 Datasheet HTML 25Page - fujitsu semiconductor MB89913 Datasheet HTML 26Page - fujitsu semiconductor MB89913 Datasheet HTML 27Page - fujitsu semiconductor MB89913 Datasheet HTML 28Page - fujitsu semiconductor MB89913 Datasheet HTML 29Page - fujitsu semiconductor MB89913 Datasheet HTML 30Page - fujitsu semiconductor MB89913 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
27
MB89910 Series
Figure 1 indicates the operating frequency of the external oscillator at an instruction cycle of 4/FCH.
Since the operating voltage range is dependent on the instruction cycle, see minimum execution time if the
operating speed is switched using a gear.
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All
the device’s electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.
1
2
3
4
5
6
2.0
6.0
3.0
4.0
5.0
7.0
8.0
9.0
10.0
2.0
0.66
1.3
1.0
0.8
0.57
0.5
0.44
0.4
Operation assurance range
Main clock operating frequency (at an instruction cycle of 4/FCH) (MHz)
Minimum execution time (instruction cycle)
(
µs)
Figure 1
Operating Voltage vs. Main Clock Operating Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com