Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB89913 Datasheet HTML 1Page - fujitsu semiconductor MB89913 Datasheet HTML 2Page - fujitsu semiconductor MB89913 Datasheet HTML 3Page - fujitsu semiconductor MB89913 Datasheet HTML 4Page - fujitsu semiconductor MB89913 Datasheet HTML 5Page - fujitsu semiconductor MB89913 Datasheet HTML 6Page - fujitsu semiconductor MB89913 Datasheet HTML 7Page - fujitsu semiconductor MB89913 Datasheet HTML 8Page - fujitsu semiconductor MB89913 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
MB89910 Series
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following points:
• The stack area, etc., is set at the upper limit of the RAM.
2. Current Consumption
• In the case of the MB89PV910, add the current consumed by the EPROM which is connected to the top socket.
• When operated at low speed, the product with an OTPROM (one-time PROM) or an EPROM will consume
more current than the product with a mask ROM.
However, the current consumption in sleep/stop modes is the same. (For more information, see sections
“s Electrical Characteristics” and “s Example Characteristics.”)
3. Mask Options
Functions that can be selected as options and how to designate these options vary by the product.
Before using options check section “s Mask Options.”
Take particular care on the following points:
• A pull-down resistor for P10 to P17, P20 to P27, and for P50 to P51 cannot be set for the MB89P915 and
MB89PV910. The MB89915 and MB89913 allow a pull-down resistor to be set for individual pins. Such pins
on the MB89P915 and MB89PV910 are fixed to have no pull-down resistor.
• The low-voltage detection reset cannot be used on the MB89PV910. The voltage to be detected by the low-
voltage detection reset is set by using a register for the MB89P915 and by using a mask option for the MB89915
and MB89913. If the detection voltage has been set to a lower value than the operating voltage, however, use
the gear function to operate the device with the faster clock at a lower speed, or operate the device with the
slower clock. Note that the results of operation are unpredictable if the device is attempted to operate at a
lower voltage than the operating voltage with the faster clock put in top gear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com