Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 25Page - fujitsu semiconductor MB89913 Datasheet HTML 26Page - fujitsu semiconductor MB89913 Datasheet HTML 27Page - fujitsu semiconductor MB89913 Datasheet HTML 28Page - fujitsu semiconductor MB89913 Datasheet HTML 29Page - fujitsu semiconductor MB89913 Datasheet HTML 30Page - fujitsu semiconductor MB89913 Datasheet HTML 31Page - fujitsu semiconductor MB89913 Datasheet HTML 32Page - fujitsu semiconductor MB89913 Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29
MB89910 Series
(Continued)
(AVR = VCC = +5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
(Continued)
Parameter
Sym-
bol
Pin name
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply
current*1
When low-
voltage
detection reset
operation is
enabled, ILVD is
added to each
power supply
current.
ICC1
VCC
FCH = 8 MHz
VCC = 5.0 V
tinst*2 = 0.5
µs
when A/D conversion
is stopped
10.0
18.0
mA
MB89P915
915
mA
MB89913/
915/PV910
ICC2
FCH = 8 MHz
VCC = 3.8 V
tinst*2 = 8.0
µs
when A/D conversion
is stopped
3.0
6.0
mA
MB89P915
1.8
2.4
mA
MB89913/
915/PV910
ICS1
FCH = 8 MHz
VCC = 5.0 V
tinst*2 = 0.5
µs
when A/D
conversion is
stopped
—3
7
mA
ICS2
FCH = 8 MHz
VCC = 3.8 V
tinst*2 = 8.0
µs
when A/D
conversion is
stopped
—1.2
1.8
mA
ICSB
FCL = 32 kHz
VCC = 3.0 V
Subclock mode
1.2
3.6
mA
MB89P915
60
180
µA MB89913/
915/PV910
ICS3
FCL = 32 kHz
VCC = 3.0 V
Subclock sleep mode
—32
64
µA
ICCT
FCL = 32 kHz
VCC = 3.0 V
• Watch mode
• Main clock stop
mode at dual- clock
system
—4
20
µA
ICCA
FCH = 8 MHz
TA = +25
°C
VCC = 5.0 V
tinst*2 = 0.5
µs
when A/D conversion
is activated
—
12.5
22.5
mA
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com