Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB89913 Datasheet HTML 1Page - fujitsu semiconductor MB89913 Datasheet HTML 2Page - fujitsu semiconductor MB89913 Datasheet HTML 3Page - fujitsu semiconductor MB89913 Datasheet HTML 4Page - fujitsu semiconductor MB89913 Datasheet HTML 5Page - fujitsu semiconductor MB89913 Datasheet HTML 6Page - fujitsu semiconductor MB89913 Datasheet HTML 7Page - fujitsu semiconductor MB89913 Datasheet HTML 8Page - fujitsu semiconductor MB89913 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
MB89910 Series
(Continued)
* : Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
In the case of the MB89PV910, the voltage varies with the ICE or the EPROM to be connected.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
×: Not available
*1: Under examination for development
*2: Available by conversion from MDIP-64 to SH-DIP-48
64SD-48SD-8L2: For conversion (MDP-64C-P02)
→ DIP-48P-M01
Inquiry: Sun Hayato Co., Ltd.: TEL: (81)-3-3986-0403
FAX: (81)-3-5396-9106
Note: For more information about each package, see section “s Package Dimensions.”
Partnumber
Parameter
MB89913
MB89P915
MB89PPV910
External interrupt
2 independent channels (edge selection, interrupt vector, factor flag)
Rising/ falling/both edges selectable
Built-in analog noise canceller
Used also for wake-up stop/sleep modes.
(Edge detection is also permitted in stop mode.)
Low-voltage detection
reset
Continuous operation
(detection power supply voltage of 4.0
±0.3 V, 3.6±0.3 V or
3.3
±0.3 V)
Intermittent operation
(Activated for each watch interrupt under the dual-clock sys-
tem)
Not available
Low-power consumption
(Standby mode)
Sleep mode, stop mode, and watch mode
Process
CMOS
Operating voltage*
3.8 V to 5.5 V
4.5 V to 5.5 V
EPROM for use
MBM27C256A-
20CZ
Package
MB89913
MB89915
MB89P915
MB89PV910
DIP-48P-M01
×
FPT-48P-M15
×
MDP-64C-P02
×
MB89915
*1
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com