Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 15Page - fujitsu semiconductor MB89913 Datasheet HTML 16Page - fujitsu semiconductor MB89913 Datasheet HTML 17Page - fujitsu semiconductor MB89913 Datasheet HTML 18Page - fujitsu semiconductor MB89913 Datasheet HTML 19Page - fujitsu semiconductor MB89913 Datasheet HTML 20Page - fujitsu semiconductor MB89913 Datasheet HTML 21Page - fujitsu semiconductor MB89913 Datasheet HTML 22Page - fujitsu semiconductor MB89913 Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
19
MB89910 Series
s CPU CORE
1. Memory Space
The microcontrollers of the MB89910 series offer a memory space of 64 Kbytes for storing all of I/O, data, and
program areas. The I/O area is located the lowest address. The data area is provided immediately above the I/
O area. The data area can be divided into register, stack, and direct areas according to the application. The
program area is located at exactly the opposite end, that is, near the highest address. Provide the tables of
interrupt reset vectors and vector call instructions toward the highest address within the program area.
• Memory Space
0000 H
0080 H
0100 H
0200 H
8000 H
FFFF H
MB89PV910
I / O
RAM
1 KB
0000 H
0080 H
0100 H
0200 H
C000 H
MB89P915
MB89915
I / O
RAM
512 B
0280 H
0480 H
FFFF H
External ROM
32 KB
Not available
Not available
Register
Register
ROM*
16 KB
0000 H
0080 H
0100 H
0180 H
E000 H
FFFF H
MB89913
I / O
ROM
8 KB
Not available
Register
*: This is an internal PROM on the MB89P915.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com