Electronic Components Datasheet Search
  English  ▼

X  

MB89913 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB89913 Datasheet HTML 1Page - fujitsu semiconductor MB89913 Datasheet HTML 2Page - fujitsu semiconductor MB89913 Datasheet HTML 3Page - fujitsu semiconductor MB89913 Datasheet HTML 4Page - fujitsu semiconductor MB89913 Datasheet HTML 5Page - fujitsu semiconductor MB89913 Datasheet HTML 6Page - fujitsu semiconductor MB89913 Datasheet HTML 7Page - fujitsu semiconductor MB89913 Datasheet HTML 8Page - fujitsu semiconductor MB89913 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
3
MB89910 Series
s PRODUCT LINEUP
(Continued)
Partnumber
Parameter
MB89913
MB89P915
MB89PV910
Classification
Mass production product
(mask ROM product)
One-time PROM
product
Piggyback/
evaluation product
(for evaluation and
development)
ROM size
8 K
× 8 bits
(internal mask
ROM)
16 K
× 8 bits
(internal mask
ROM)
16 K
× 8 bits
(internal PROM,
programmable with
general-purpose
EPROM
programmer)
32K
× 8 bits
(Piggyback)
(External ROM)
RAM size
256
× 8 bits
512
× 8 bits
1 K
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.50
µs/8.0 MHz to 8.00 µs/8.0 MHz, or
61
µs/32.768 kHz
Interrupt processing time:
4.5
µs/8.0 MHz to 72.0 µs/8.0 MHz, or
549.3
µs/32.768 kHz
Note: The above times depend on the gear
function.
Ports
High-voltage output ports (P-ch open-drain):
8 (P10 to P17 for large current)
10 (P20 to P27 and P50 to P51 for small current)
I/O ports (CMOS):
13 (P00 to P07, P34 to P37, and P40)
I/O ports (N-ch open-drain): 6 (P30 to P33, P41, P42)
Input ports (CMOS):
2 (P60 and P61 also serve as a subclock pin)
Total:
39
Timebase timer
(Timer 1)
Capable of generating four different intervals at 8.0-MHz oscillation: 0.26, 0.51, 1.02,
and 524.0 ms
8-bit PWM timer (Timer 2) 8-bit timer operation (square wave output capable. Operation clock: 1, 2, 8, or 16
instruction cycles)
8-bit resolution PWM operation (Conversion cycle: 128
µs to 2.0 ms at 8.0 MHz)
16-bit timer/counter
(Timer 3)
16-bit timer operation (operating clock: 1 instruction cycle)
16-bit event counter operation (Rising/falling/both edges selectable)
8-bit serial I/O
8 bits
LSB first/MSB first selectable
Transfer clock (external, 4/8/16 instruction cycles)
8-bit A/D converter
8-bit resolution
× 8 channels
A/D conversion mode (conversion time of 22.0
µs/8.0 MHz)
Sense mode (conversion time of 6.0
µs/8.0 MHz)
Continuous activation enabled by external clock or internal clock
Reference voltage input (AVR) is provided.
MB89915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com