Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 8Page - Sipex Corporation SP6121 Datasheet HTML 9Page - Sipex Corporation SP6121 Datasheet HTML 10Page - Sipex Corporation SP6121 Datasheet HTML 11Page - Sipex Corporation SP6121 Datasheet HTML 12Page - Sipex Corporation SP6121 Datasheet HTML 13Page - Sipex Corporation SP6121 Datasheet HTML 14Page - Sipex Corporation SP6121 Datasheet HTML 15Page - Sipex Corporation SP6121 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Date: 11/29/04
SP6121 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
12
associated with the output capacitors and can be
determined by
fZ(ESR) =
1
2
πCOUTRESR
Crossover frequency of 20kHz is a sound first
try if low ESR tantalum capacitors or poscaps
are used at the output. The next step is to calcu-
late the complex conjugate poles contributed by
the LC output filter,
fP(LC) =
1
2
π√ LCOUT
The open loop gain of the whole system can be
divided into the gain of the error amplifier,
PWM modulator, buck converter, and feedback
resistor divider. In order to crossover at the
selected frequency fco, the gain of the error
amplifier has to compensate for the attenuation
caused by the rest of the loop at this frequency.
In the RC network shown in Figure 4, the product
of R1 and the error amplifier transconductance
determines this gain. Therefore, R1 can be deter-
mined from the following equation that takes
into account the typical error amplifier
transconductance, reference voltage and PWM
ramp built into the SP6121.
R1 =
975VOUT fCO fZ(ESR)
VIN fP(LC)2
In Figure 4, R1 and C1 provides a zero fZ1 which
needs to be placed at or below fP(LC). If fZ1 is
made equal to fP(LC) for convenience, the value
of C1 can be calculated as
C1 =
1
2
πfP(LC)R1
The optional C2 generates a pole fP1 with R1 to
cut down high frequency noise for reliable op-
eration. This pole should be placed one decade
higher than the crossover frequency to avoid
erosion of phase margin. Therefore, the value of
the C2 can be derived from
C2 =
1
20
πfCOR1
Figure 5 illustrates the overall loop frequency
response and frequency of each pole and zero.
To fine-tune the compensation, it is necessary to
physically measure the frequency response us-
ing a network analyzer.
Gain
-20db/dec
-40db/dec
-20db/dec
-20db/dec
-20db/dec
Error Amplifier
Loop
f
f
Figure 5. Frequency response of a stable system and its
error amplifier.
Overcurrent Protection
Over current protection on the SP6121 is imple-
mented through detection of an excess voltage
condition across the high side PMOS switch
during conduction. This is typically referred to
as high side RDS(ON) detection. By using the
RDS(ON) of Q1 to measure the output current, the
current limit circuit eliminates the sense resistor
that would otherwise be required and the corre-
sponding loss associated with it. This improves
the overall efficiency and reduces the number of
components in the power path benefiting size
and cost. RDS(ON) sensing is by default inaccu-
rate and is primarily meant to protect the power
supply during a fault condition. The overcurrent
trip point will vary from unit to unit as the
RDS(ON) of Q1 varies. The SP6121 provides a
built-in 160mV threshold between the ISET and
ISENSE pins. If a current limit threshold in excess
of 160mV is required, an external programming
resistor, RSET can be added between ISET pin and
VIN as shown in Figure 6.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com