Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 14Page - Sipex Corporation SP6121 Datasheet HTML 15Page - Sipex Corporation SP6121 Datasheet HTML 16Page - Sipex Corporation SP6121 Datasheet HTML 17Page - Sipex Corporation SP6121 Datasheet HTML 18Page - Sipex Corporation SP6121 Datasheet HTML 19Page - Sipex Corporation SP6121 Datasheet HTML 20Page - Sipex Corporation SP6121 Datasheet HTML 21Page - Sipex Corporation SP6121 Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
PartnerNet
Advanced Search
Part Number Search
Keyword Search
Home
Products
Support
Contact Us About Us
News
Investors
Careers
Product Lines
Power Management
Boost Regulators
Buck Regulators
Charge Pumps
LED Drivers
Linear Regulators
Power Blox™
PWM Controllers
References
Supervisors
USB Vbus Switches
Interface
Multiprotocol
RS232
RS422
RS485
USB
Optical Storage
Advanced Power
Control
Photo Detector IC
SP6121 product
details
You are here : Home : Products : PWM Controllers
Features
Optimized for Single Input Voltage - 3V to 5.5V
High Efficiency: Greater than 95% possible
Accurate, 500kHz Fixed Frequency Operation
Fast Transient Response
500 A, IQ (25 A in Shutdown)
Internal, 0.4 V/ms, Soft Start Circuit
Precision 1% Reference
Resistor Programmable Output Voltage
Lossless Adjustable Current Limit with
High Side RDS(ON) Sensing
0% to 100% Duty Cycle Range
High Side PMOS Switch Negates Need for
External Charge Pump
Output Over Voltage Protection
Hiccup Mode Current Limit Protection
Fixed Switching Frequency
Low Voltage, 8 Pin, Synchronous Buck Controller
Quick Links
Download
Datasheet
SP6121 TRR
Check Price and
Availability
Design-In Support
Email: Tech Support
PWM Controllers
Product Selector
Applications Notes
Evaluation Boards
Quality Information
Part Nomenclature
Design Solution
Ordering Part Number
Part Number
Package
Code
RoHS MIN.
Temp.
(°C)
MAX.
Temp.
(°C)
Status Buy
Samples
PWM
CONTROLLER
SP6121
SP6121CN-L
NSOIC8
▪
0
70
Active
Buy Now
Order Samples
SP6121CN-
L/TR
NSOIC8
▪
0
70
Active
Buy Now
Order Samples
SP6121CN
NSOIC8
0
70
Active
Buy Now
Order Samples
SP6121CN/TR
NSOIC8
0
70
Active
Buy Now
Order Samples
SP6121EB
Board
0
70
Active
Buy Now
Order Samples
SP6121CN-
RETEST
0
70
EOL
SP6121EN-L
OBS
SP6121EN
OBS
Part Status Legend
Active - the part is released for sale, standard product.
EOL (End of Life) - the part is no longer being manufactured, there may or may not be inventory still in stock.
CF (Contact Factory) - the part is still active but customers should check with the factory for availability. Longer lead-times may apply.
PRE (Pre-introduction) - the part has not been introduced or the part number is an early version available for sample only.
OBS (Obsolete) - the part is no longer being manufactured and may not be ordered.
NRND (Not Recommended for New Designs) - the part is not recommended for new designs.
Page 1 of 2
Sipex Corporation - Sipex Product Details
7/17/2007
http://www.sipex.com/productDetails.aspx?part=SP6121&keyword=6121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com