Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 40 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 40 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation SP6121 Datasheet HTML 37Page - Sipex Corporation SP6121 Datasheet HTML 38Page - Sipex Corporation SP6121 Datasheet HTML 39Page - Sipex Corporation SP6121 Datasheet HTML 40Page - Sipex Corporation SP6121 Datasheet HTML 41Page - Sipex Corporation SP6121 Datasheet HTML 42Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
SP6128A Reliability Report
Page 2 of 4
Table Of Contents
Title Page
1
Table of Contents
2
Device Description
2
Pin Out
2
Manufacturing Information
2
Package Information
2
Reliability Test Summary
3
Life Test Data
3
FIT Data Calculations
4
MTBF Data Calculations
4
ESD Testing
4
Latch-up Testing
4
14L TSSOP Pb Free Package Qualification Addendum
4
Device Description:
The SP6128A is a fixed frequency, voltage mode, synchronous PWM controller designed
to work from a single 5V or 3.3V input supply, providing excellent AC and DC
regulation for high efficiency power conversion. Requiring only few external
components, the SP6128A packaged in a 14-pin TSSOP, is especially suited for low
voltage applications where cost, small size and high efficiency are critical. The operating
frequency is internally set to 300kHz, allowing small inductor values and minimizing PC
board space. The SP6128A drives two N-channel power MOSFETs for improved
efficiency and includes an accurate 0.8V reference for low output voltage applications.
Manufacturing Information:
Product:
SP6128A
Description: Low Voltage Sync. Buck
Controller
Mask Set(s): MS1236
Lot Number(s): CF10190.1, CF10191.1,
CF10192.1
Process: sil-bc1
Wafer Fab: Silan
Package Information:
Package Type: 14 pin TSSOP
Package Code: JEDEC
PIN OUT SP6128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com