Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 37 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 37 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 33Page - Sipex Corporation SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation SP6121 Datasheet HTML 37Page - Sipex Corporation SP6121 Datasheet HTML 38Page - Sipex Corporation SP6121 Datasheet HTML 39Page - Sipex Corporation SP6121 Datasheet HTML 40Page - Sipex Corporation SP6121 Datasheet HTML 41Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Rev 7/25/01
5
FIGURE 6. Load Regulation. Vout=2.5V
FIGURE 7. Load Step Response. I load step 0.4A to 6.0A. CH1-Vout;
CH4-I load. Vin=5.0V, Vout=2.5V
FIGURE 8. Output Ripple. Vin=5.0V,Vout=2.5V, Iload=6.0A
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
02
468
I LOAD (A)
Vin=3.3V
Vin=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com