Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 26 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 26 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 22Page - Sipex Corporation SP6121 Datasheet HTML 23Page - Sipex Corporation SP6121 Datasheet HTML 24Page - Sipex Corporation SP6121 Datasheet HTML 25Page - Sipex Corporation SP6121 Datasheet HTML 26Page - Sipex Corporation SP6121 Datasheet HTML 27Page - Sipex Corporation SP6121 Datasheet HTML 28Page - Sipex Corporation SP6121 Datasheet HTML 29Page - Sipex Corporation SP6121 Datasheet HTML 30Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Nov 28 06 AppNote: SP6121 as a Synchronous Buck-Boost LED Driver
© 2006 Sipex Corporation
Page 6
Circuit Performance
Start up
In order to soft-start the converter, use a 1µF capacitor between the COMP pin
and GND. The COMP pin is actually the internal output of the error amplifier. This
high capacitance value will act as a local integrator, slowing down any fast
variation due to start up or transients.
Start up VIN=5.0V
Start up VIN=3.3V
LED Efficiency vs Output Load
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
Output Load (mA)
Iout=1.0A
Iout=1.5A
VIN
VOUT
VSENSE
IIN
1A/div
VIN
VOUT
VSENSE
IIN
1A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com