Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 41 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 41 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation SP6121 Datasheet HTML 37Page - Sipex Corporation SP6121 Datasheet HTML 38Page - Sipex Corporation SP6121 Datasheet HTML 39Page - Sipex Corporation SP6121 Datasheet HTML 40Page - Sipex Corporation SP6121 Datasheet HTML 41Page - Sipex Corporation SP6121 Datasheet HTML 42Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
SP6128A Reliability Report
Page 3 of 4
Reliability Qualification Test Summary:
Stress Level
Device
Lot Number Burn-In Temp Sample Size No. Fail
168Hrs
SP6128A
CF10190.1
125
°C
77
0
168Hrs
SP6128A
CF10191.1
125
°C
77
0
168Hrs
SP6128A
CF10192.1
125
°C
77
0
1000Hrs
SP6128A
CF10190.1
125
°C
77
0
1000Hrs
SP6128A
CF10191.1
125
°C
77
0
1000Hrs
SP6128A
CF10192.1
125
°C
77
0
Life Test
Life testing is conducted to determine if there are any fundamental reliability related
failure mechanism(s) present in the device.
These failure mechanisms can be divided roughly into four groups:
1.
Process or die related failures such as oxide defects, metallization defects, and
diffusion defects.
2.
Assembly related failures such as chip mount defects, wire bond defects, molding
defects, and trim/form/singulation defects.
3.
Design related defects.
4.
Miscellaneous, undetermined, or application induced failures.
125C Operating Life Test Results
As part of the Sipex design qualification program, the Product/Reliability Engineering
group subjected 231 parts to 168 hours of 125° C life stress testing and then to 1000
hours of 125° C life stress testing.
168 Hour Timepoint
The 231 parts were subjected to the life test profile and completed the first phase with no
failures.
1000 Hour Timepoint
231 parts were reintroduced to life stress testing, completing the 1000 hour HTOL time
point without any failures or significant shifts in process parameters.
FIT Rate Calculations
FIT rate (failures in time) is the predicted number of failures per billion device hours.
This predicted value is based upon,
• The Life Test conditions summarized in the HTOL table (time/temperature, device
quantity, failure quantity).
• The Activation Energy (Ea) for potential failure modes. The weighted Activation
Energy(Ea) of observed failure mechanisms for Sipex products has been determined
to be 0.8eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com