Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 42 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 42 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation SP6121 Datasheet HTML 37Page - Sipex Corporation SP6121 Datasheet HTML 38Page - Sipex Corporation SP6121 Datasheet HTML 39Page - Sipex Corporation SP6121 Datasheet HTML 40Page - Sipex Corporation SP6121 Datasheet HTML 41Page - Sipex Corporation SP6121 Datasheet HTML 42Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
SP6128A Reliability Report
Page 4 of 4
Based on the above criteria SP6128A product FIT rates for 25
°, 55°, and 70°C of
operation at 60% and 90% confidence levels have been calculated and listed below.
FIT Failure Rates: SP6128A BC1 Silan Process
Confidence Level
+25
°C
+55
°C
+70
°C
60%
2.4
35.3
113.2
90%
6.3
90.6
290.3
1 FIT = 1 Failure per Billion Device-Hours
MTBF Calculation: SP6128A BC1 Silan Process
Confidence Level
+25
°C
+55
°C
+70
°C
60%
4.09E+08
2.83E+07
8.83E+06
90%
1.60E+08
1.10E+07
3.44E+06
ESD Testing
Human Body Model ESD – 77 units were subjected to Human Body Model ESD testing
at +/- 2KV. All units passed.
Latch-up Testing
JED-STD Latch-up Testing 85C - 77 units from the qualification lot were subjected to
JED-STD Latch-up testing at 85C. All units passed at +/-200mA.
Additional Reliability Tests
77 of the units were placed on -65C/+150C Temperature Cycle testing, 77 of the units were placed
on Highly-Accelerated Temp. and Humidity Stress testing (130C, 85% RH), 200 of the units were placed
on ELFR testing and 77 on -65C/+150C Thermal Shock testing. All units passed testing as summarized in
the following table.
Test
Condition
Time
Sample Size
# of
rejects
TEMP. Cycles
-65C/+150C
1000 Cycles
77
0
HAST Unbiased
130C/85%RH
96hrs
77
0
ELFR
125C
48hrs
200
0
Thermal Shock
-65C/+150C
500 Cycles
77
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com