Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 2Page - Sipex Corporation SP6121 Datasheet HTML 3Page - Sipex Corporation SP6121 Datasheet HTML 4Page - Sipex Corporation SP6121 Datasheet HTML 5Page - Sipex Corporation SP6121 Datasheet HTML 6Page - Sipex Corporation SP6121 Datasheet HTML 7Page - Sipex Corporation SP6121 Datasheet HTML 8Page - Sipex Corporation SP6121 Datasheet HTML 9Page - Sipex Corporation SP6121 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Date: 11/29/04
SP6121 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
6
clamp and then gradually charges preventing
the error amplifier from forcing the loop to
maximum duty cycle. As the COMP voltage
crosses about 1V (valley voltage of the PWM
ramp), the driver begins to switch the high side
MOSFET with narrow pulses in an effort to
keep the converter output regulated . The SP6121
operates at low duty cycle as the COMP voltage
increases above 1V. As the error amp reference
ramps upward, the driver pulses widen until a
steady state value is reached and the output
voltage is regulated to the final value ending the
soft start charge cycle.
Hiccup Mode
When the converter enters a fault mode, the
SP6121 holds the high side and low side
MOSFETs off for a finite period of time. Pro-
vided that the SP6121 is enabled, this time is set
by the internal charge of the SS capacitor. In the
event of an over-current condition, the current
sense comparator sets the fault latch, which in
turn discharge the internal SS capacitor, the
COMP pin and holds the output drivers off.
During this condition, the SP6121 stays off for
the time it takes to discharge the COMP pin
down below the 0.3V shutdown threshold. As
soon as the COMP pin reaches 0.3V, the fault
latch is reset and the SP6121 is allowed to
attempt restart just like during a normal soft start
cycle. The COMP pin has to charge back to 1V
before any output switching can take place. At
this point, the regulator attempts to restart nor-
mally by delivering short gate pulses to the
output switches. If the over-current condition
persists, the regulator will be kept off for the
total time that it takes to charge the internal soft-
start capacitor to within 1V from the input
supply voltage VCC plus the time required by the
COMP voltage to cross the 1V threshold. This
total time is typically several milli-seconds and
minimizes thermal stress to the regulator com-
ponents as the over-current condition persists.
The waveforms that describe the hiccup mode
operation are shown in Figure 2.
160 mV
3 V
0 V
1.0 V
0V
V(VCC)
V(ISET)-V(ISENSE)
PDRV
Voltage
TIME
0 V
0.3 V
COMP
Voltage
Figure 2. SP6121 Hiccup mode waveforms
dVss/dt = 0.4V/ms
1.25V
I(L)
TIME
0.3 V
0.7 V
1 V
0 V
VOUT = V(REF) * (1+R1/R2)
COMP
Internal SS
0 V
SWN
Voltage
Voltage
FAULT
Current
Inductor
0 A
Voltage
Reference
Error Amp
0 V
V(VCC)
0 V
V(VCC)
Figure 1. SP6121 Soft Start Waveforms
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com