Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 33 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 33 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 29Page - Sipex Corporation SP6121 Datasheet HTML 30Page - Sipex Corporation SP6121 Datasheet HTML 31Page - Sipex Corporation SP6121 Datasheet HTML 32Page - Sipex Corporation SP6121 Datasheet HTML 33Page - Sipex Corporation SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation SP6121 Datasheet HTML 37Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Rev 7/25/01
FEATURES
DESCRIPTION
The SP6121 DEMO Board is designed to help the user evaluate the performance of the
SP6121 for use in a distributed power system. The SP6121 operates over an input
voltage range of 3.0V to 7.0V, and can deliver efficiencies as high as 95%. The SP6121
Demo Board is a complete Power Supply ready for use in applications where high
stability, excellent transient response, high efficiency and power density are critical
concerns.
The Demo Board, a completely assembled and tested PCB with surface mount
components, has been designed as a SIP board that can be vertically mounted in an
existing application.
§ DC/DC Synchronous Buck Converter
for Distributed Power Systems.
§ SIP design provides complete, ready
to use solutions for :
Vin=3.0 - 7.0V
Vout=1.25 - 5.0V
I out=8.0A (no air flow required).
§ High Efficiency: 86 to 95%
§ Excellent Transient Response
§ Small Size: 550X2500mils, vertical
mounting
§ Power Good output
SP6121
Demo Board Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com