Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 38 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 38 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation SP6121 Datasheet HTML 37Page - Sipex Corporation SP6121 Datasheet HTML 38Page - Sipex Corporation SP6121 Datasheet HTML 39Page - Sipex Corporation SP6121 Datasheet HTML 40Page - Sipex Corporation SP6121 Datasheet HTML 41Page - Sipex Corporation SP6121 Datasheet HTML 42Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Rev 7/25/01
6
DEMO BOARD RECOMMENDED PARTS:
No. Qty
Part
Manuf.
Manuf. P/N /
PACKAGE
1
1
C1
Capacitor Ceramic 2.2uF/16V/X7R/10%
Any Approved
Package 1206
2
2
C2,C11
Capacitor Ceramic 56pF/50V/X7R/10%
"-"
603
3
1
C3
Capacitor Ceramic 3.9nF/50V/X7R/10%
"-"
805
4
1
C5
Capacitor Ceramic 1uF/16V/X7R/10%
"-"
603
5
1
C6
Capacitor Tantalum 220uF/10V/10%
"-"
7343
or
or
Capacitor Tantalum 330uF/10V/20%
Capacitor Ceramic 47uF/X7R/10V/10%
"-"
“-“
1812
7343
6
2
C7,C10
Capacitor Ceramic 0.1uF/16V/X7R/10%
"-"
603
7
2
C8,C9
Capacitor Tantalum 470uF/10V/10%
"-"
7343
8
1
D1
Diode Schottky 30V/2.0A
"-"
Package DO-214AA
9
1
L1
Inductor 1.6uH/15A/3.3 mOhm
PANASONIC
ETQ-P6F1R6SFA
10
1
Q1
P-MOSFET 20V/8.0A/32mOhm
FAIRCHILD
FDS6375/ SO-8
11
1
Q2
N_MOSFET 30V/13A/10mOhm
FAIRCHILD
FDS6690A/ SO-8
12
2
R1,R5
Resistor 10K/63mW/5%
Any Appoved
Package 603
13
1
R2
Resistor 2.1K/63mW/5%
"-"
603
14
2
R4,R3
Resistor 10K/63mW/1%
"-"
603
15
1
R6
Resistor 10 Ohm/0.63mW/5%
"-"
603
16
1
U1
SYNCH. BUCK CONTROLLER
SIPEX
SP6121/SO-8
17
1
U2
Low Power Microprocessor
SIPEX
SP708/ uSOIC-8
Supervisory Circuits
18
11
Pins
17X42 mils Cross Section
NAS Interplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com