Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 32 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 32 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 28Page - Sipex Corporation SP6121 Datasheet HTML 29Page - Sipex Corporation SP6121 Datasheet HTML 30Page - Sipex Corporation SP6121 Datasheet HTML 31Page - Sipex Corporation SP6121 Datasheet HTML 32Page - Sipex Corporation SP6121 Datasheet HTML 33Page - Sipex Corporation SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Design Solution 20
Mar29-06
SP6121 Buck/Boost Circuit for LED Driver up to 1.5A
Copyright ©2006
Page 4 of 4
Sipex Corporation
4.7uH
R3
545 Ohm
C1
2.2uF
Rref
0.1 Ohm
U1 SP6121
1
2
7
6
5
4
3
8
Vcc
GND
NDRV
ISET
ISENSE
COMP
VFB
PDRV
D2
5.1V
C1 10uF
L1L2 (744870004)
Wurth Electronic
C2
1uF
D1
Luxeon
LMV321
1
3
4
+
-
OUT
Cout
100uF
L1
Vin 3.0V-5.0 V
R2 4K
4.7uH
Q1
FDS6375
R4
10K
VFB=1.25V
Gain=1+R2/R3
I LED=Vref /0.1Ohm
=150mV/0.1Ohm
R1
10Ohm
Vout
Vref
2
L2
C3
1uF
Cin
47uF
Q2
FDN337N
5
Figure 11. Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com