Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 24 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 24 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 20Page - Sipex Corporation SP6121 Datasheet HTML 21Page - Sipex Corporation SP6121 Datasheet HTML 22Page - Sipex Corporation SP6121 Datasheet HTML 23Page - Sipex Corporation SP6121 Datasheet HTML 24Page - Sipex Corporation SP6121 Datasheet HTML 25Page - Sipex Corporation SP6121 Datasheet HTML 26Page - Sipex Corporation SP6121 Datasheet HTML 27Page - Sipex Corporation SP6121 Datasheet HTML 28Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Nov 28 06 AppNote: SP6121 as a Synchronous Buck-Boost LED Driver
© 2006 Sipex Corporation
Page 4
Schematic Description
SP6121
500kHz Synchronous PWM Controller
LMV321
Low Voltage Op Amp for Current Sensing
DRQ125-47
Dual Winding Coil 4.7µH
T1
PMOS Transistor
T2
NMOS Transistor
D2
Zener Diode for OVP
Component Options
The first component to choose is the coil. L1 and L2 will be chosen so they have
the same value, in order to be able to use a dual winding coil (two coils on the
same core). This kind of coil is usually used in a SEPIC converter and is now a
very common product. The advantages to using a spiral winding coil versus two
single coils are reduced footprint (the package is typically the same as a single
coil) and reduced current ripple due to internal coupling.
If we state that Duty Cycle will be 50% (VIN = VOUT), we can make the
assumption that the AC current going through L1 and L2 are the same.
From the buck cell we have:
UT
V
V
dt
di
L
VL
O
2
2
2
−
=
=
(V2 = Secondary Switch Node Voltage)
1
2
2
−
×
×
×
×
−
=
D
F
Ripple
I
L
V
V
OUT
OUT
(Ripple=Ripple Ratio, F=Freq, D=Duty Cycle)
1
2
2
−
×
×
×
−
=
D
F
I
Ripple
V
V
L
OUT
OUT
In this case, as we are powering an LED, we can set the current ripple to be high
as it does not matter for the LED lighting performance. Also this will let us
reduce the coil value and reduce PCB area. In this topology, V2 (secondary
switch node voltage), is always equal to VOUT + VIN regardless of the input and
output voltages.
VIN = 3.8V
(average voltage of the battery)
VOUT = 3.8V
(average voltage of the K2 LED)
V2 = VIN + VOUT = 7.6V
Ripple = 40%
IOUT = 1.5A
F = 500kHz
D = 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com