Electronic Components Datasheet Search
  English  ▼

X  

SP6121 Datasheet(PDF) 36 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 36 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 32Page - Sipex Corporation SP6121 Datasheet HTML 33Page - Sipex Corporation SP6121 Datasheet HTML 34Page - Sipex Corporation SP6121 Datasheet HTML 35Page - Sipex Corporation SP6121 Datasheet HTML 36Page - Sipex Corporation SP6121 Datasheet HTML 37Page - Sipex Corporation SP6121 Datasheet HTML 38Page - Sipex Corporation SP6121 Datasheet HTML 39Page - Sipex Corporation SP6121 Datasheet HTML 40Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Rev 7/25/01
4
respectively), and the current set resistor (R2), are discussed in detail in the SP6121
data sheet.
USING THE DEMO BOARD
To use the Demo Board, connect the input voltage, VIN to pins 7 and 8 and a ground,
GND, to pins 5 and 6. Connect the load to pins 1, 2, 3, and 4. Pin 9 provides a logic
level “power good” signal and Pin 10 is used for trimming the output voltage.
When measuring efficiency, care must be taken to keep leads between measuring
devices, the power supply (VIN) and the demo board as short as possible and the
measurement probes should be connected to pins 4 (VOUT) and 7 (VIN).
The SP708 power management controller IC (U2) on the demo board is used to
generate a Power Good signal. On this demo board, when the voltage on the pin 6 (PFI)
of U2 is 1.25V or less, U2’s pin 7 (PFO) goes LOW. Pin 6 can be connected directly, or
through a resistor divider, to VOUT or VIN.
DEMO BOARD CHARACTERISTICS
FIGURE 4. EFFICIENCY vs. I load. Vout=2,5V
FIGURE 5. Line Regulation. Vout=2.5V
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
34
56
Vin (V)
I load=5.0A
I load=3.0A
78
80
82
84
86
88
90
92
94
96
0
1
2
3
456789
10
I load (A)
C6=47uF, 3.3/2.5V
C6=47uF,5.0/1.9V
C6=330uF,3.3/2.5V
C6=330uF,5.0/1.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com