Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 76 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 76 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 72Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 73Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 74Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 75Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 76Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 77Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 78Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 79Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 80Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
76
preliminary
Nov. 1999 Ver 0.0
Minimizing Current Consumption
The Stop mode is designed to reduce power consumption.
To minimize current drawn during Stop mode, the user
should turn-off output drivers that are sourcing or sinking
current, if it is practical.
Note: In the STOP operation, the power dissipation asso-
ciated with the oscillator and the internal hardware
is lowered; however, the power dissipation associat-
ed with the pin interface (depending on the external
circuitry and program) is not directly determined by
the hardware operation of the STOP feature. This
point should be little current flows when the input
level is stable at the power voltage level (VDD/VSS);
however, when the input level becomes higher than
the power voltage level (by approximately 0.3V), a
current begins to flow. Therefore, if cutting off the
output transistor at an I/O port puts the pin signal
into the high-impedance state, a current flow across
the ports input transistor, requiring it to fix the level
by pull-up or other means.
It should be set properly that current flow through port
doesn't exist.
First conseider the setting to input mode. Be sure that there
is no current flow after considering its relationship with
external circuit. In input mode, the pin impedance viewing
from external MCU is very high that the current doesn’t
flow.
But input voltage level should be VSS or VDD. Be careful
that if unspecified voltage, i.e. if unfirmed voltage level
(not VSSor VDD) is applied to input pin, there can be little
current (max. 1mA at around 2V) flow.
If it is not appropriate to set as an input mode, then set to
output mode considering there is no current flow. Setting
to High or Low is decided considering its relationship with
external circuit. For example, if there is external pull-up re-
sistor then it is set to output mode, i.e. to High, and if there
is external pull-down register, it is set to low.
Figure 21-2 Application Example of Unused Input Port
INPUT PIN
VDD
GND
i
VDD
X
Weak pull-up current flows
VDD
internal
pull-up
INPUT PIN
i
VDD
X
Very weak current flows
VDD
O
O
OPEN
OPEN
i=0
O
i=0
O
GND
When port is configured as an input, input level should
be closed to 0V or 5V to avoid power consumption.
* Pull-up is Metal Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com