Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 43Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 44Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 46Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 47Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 48Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 49Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 50Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
47
The control register R6FUNC (address F7H) controls to se-
lect alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Analog Input, write "1" to the corresponding
bit of R6FUNC. Regardless of the direction register R6IO,
R6FUNC is selected to use as alternate functions, port pin
can be used as a corresponding alternate features
(AN7~AN0)
12.9 R7 and R7IO registers
R7 is an 4-bit bidirectional I/O port (address CEH). Each
port can be set individually as input and output through the
R7IO register (address CFH).
R73~R70 ports are multiplexed with Analog Input Port
AN11~AN8 )..
Figure 12-9 Registers of Port R6
The control register R7FUNC (address F8H) controls to se-
lect alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Analog Input, write "1" to the corresponding
bit of R7FUNC. Regardless of the direction register R7IO,
R7FUNC is selected to use as alternate functions, port pin
can be used as a corresponding alternate features.
PORT
R6FUNC
[7:0]
Description
R67/AN7
0
R67 ( Normal I/O Port )
1
AN7 ( ADS3~0=0111 )
R66/AN6
0
R66 ( Normal I/O Port )
1
AN6 ( ADS3~0=0110 )
R65/AN5
0
R65 ( Normal I/O Port )
1
AN5 ( ADS3~0=0101 )
R64/AN4
0
R64 ( Normal I/O Port )
1
AN4 ( ADS3~0=0100 )
R63/AN3
0
R63 ( Normal I/O Port )
1
AN3 ( ADS3~0=0011 )
R62/AN2
0
R62 ( Normal I/O Port )
1
AN2 ( ADS3~0=0010 )
R61/AN1
0
R61 ( Normal I/O Port )
1
AN1 ( ADS3~0=0001 )
R60/AN0
0
R60 ( Normal I/O Port )
1
AN0 ( ADS3~0=0000 )
PORT
R7FUNC
[7:0]
Description
R73/AN11
0
R73 ( Normal I/O Port )
1
AN11 ( ADS3~0=1011 )
R72/AN10
0
R72 ( Normal I/O Port )
1
AN10 ( ADS3~0=1010 )
R71/AN9
0
R71 ( Normal I/O Port )
1
AN9 ( ADS3~0=1001 )
R70/AN8
0
R70 ( Normal I/O Port )
1
AN8 ( ADS3~0=1000 )
-
-
-
-
R73
R72
R71
R70
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
R7 Data Register
R7
ADDRESS : CEH
RESET VALUE : Undefined
R7 Direction Register
R7IO
ADDRESS : CFH
RESET VALUE : ----0000
ANSEL8
R7 Function Selection Register
R7FUNC
ADDRESS : F8H
RESET VALUE : ----0000
ANSEL9
ANSEL10
ANSEL11
0 : R70
1 : AN8
0 : R71
1 : AN9
0 : R72
1 : AN10
0 : R73
1 : AN11
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com