Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 57 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 57 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 53Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 54Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 55Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 56Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 57Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 58Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 59Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 61Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
57
15.5 16-bit Capture Mode
16-bit capture mode is the same as 8-bit capture, except
that the Timer register is being run will 16 bits.
The clock source of the Timer 0 is selected either internal
or external clock by bit T0CK2, T0CK1 and T0CK0.
In 16-bit mode, the bits T1CK1,T1CK0 and 16BIT of TM1
should be set to "1" respectively.
Figure 15-9 16-bit Capture Mode
15.6 PWM Mode
The GMS81C2020 and GMS81C2120 has a high speed
PWM (Pulse Width Modulation) functions which shared
with Timer1.
In PWM mode, pin R56/PWM1O/T1O outputs up to a 10-
bit resolution PWM output. This pin should be configured
as a PWM output by setting "1" bit PWM1O in
R5FUNC.6 register.
The period of the PWM output is determined by the
T1PPR (PWM1 Period Register) and PWM1HR[3:2]
(bit3,2 of PWM1 High Register) and the duty of the PWM
output is determined by the T1PDR (PWM1 Duty Regis-
ter) and PWM1HR[1:0] (bit1,0 of PWM1 High Register).
The user writes the lower 8-bit period value to the T1PPR
and the higher 2-bit period value to the PWM1HR[3:2].
And w r ites duty value to the T1PDR and the
PWM1HR[1:0] same way.
The T1PDR is configured as a double buffering for glitch-
less PWM output. In Figure 15-10 , the duty data is trans-
fered from the master to the slave when the period data
matched to the counted value. ( i.e. at the beginning of next
duty cycle )
PWM Period = [ PWM1HR[3:2]T1PPR ] X Source Clock
PWM Duty = [ PWM1HR[1:0]T1PDR ] X Source Clock
The relation of frequency and resolution is in inverse pro-
portion. Table 15-2 shows the relation of PWM frequency
vs. resolution.
TM0
ADDRESS : D0H
RESET VALUE : --000000
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWM1E
CAP1
T1CK1
T1CK0
T1CN
T1ST
--
1
X
XXXX
X
10
X
11
XX
÷ 2
÷ 4
÷ 128
÷ 512
÷ 8
÷ 32
fXI
EC0
Edge Detector
T0 + T1 ( 16-bit )
TDR1
T0IF
CLEAR
COMPARATOR
TIMER 0
INTERRUPT
T0ST
0 : Stop
1 : Clear and Start
TDR0
INT0IF
INT 0
INTERRUPT
INT0
IEDS[1:0]
CAPTURE
CDR1
CDR0
( 8-bit ) ( 8-bit ) ( 8-bit ) ( 8-bit )
÷ 2048
X : The value "0" or "1" corresponding your operation.
MUX
1
T0CN
T0CK[2:0]
11
XX
T1CK[1:0]
÷ 1
÷ 2
÷ 8
fXI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com