Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 64 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 64 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 61Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 65Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 66Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 67Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 68Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
64
preliminary
Nov. 1999 Ver 0.0
Figure 18-2 A/D Converter Registers
Figure 18-3 A/D Converter Operation Flow
A/D Converter Cautions
(1) Input range of AN11 to AN0
The input voltages of AN11 to AN0 should be within the
specification range. In particular, if a voltage above AVDD
or below AVSS is input (even if within the absolute maximum
rating range), the conversion value for that channel can not be in-
determinate. The conversion values of the other channels may
also be affected.
(2) Noise countermeasures
In order to maintain 8-bit resolution, attention must be paid to
noise on pins AVDD and AN11 to AN0. Since
the effect in-
creases in proportion to the output impedance of the analog
input source, it is recommended that a capacitor be connected
externally as shown in Figure 18-4 in order to reduce noise.
Figure 18-4 Analog Input Pin Connecting Capacitor
ADCM
ADDRESS : EAH
RESET VALUE : -0000001
-
ADEN
ADS3
ADS2
ADS1
ADS0
ADST
ADSF
Reserved
Analog Channel Select
A/D Status bit
0 : A/D Conversion is in process
1 : A/D Conversion is completed
A/D Start bit
1 : A/D Conversion is started
After 1 cycle, cleared to "0"
0 : Bit force to zero
0000 : Channel 0 ( R60/AN0 )
0001 : Channel 1 ( R61/AN1 )
0010 : Channel 2 ( R62/AN2 )
0011 : Channel 3 ( R63/AN3)
0100 : Channel 4 ( R64/AN4 )
0101 : Channel 5 ( R65/AN5 )
0110 : Channel 6 ( R66/AN6 )
0111 : Channel 7 ( R67/AN7 )
A/D Enable bit
1 : A/D Conversion is enable
0 : A/D Converter module shut off
and consumes no operation current
A/D Control Register
ADCR
ADDRESS : EBH
RESET VALUE : Undefined
ADCR7
ADCR6
ADCR5
ADCR4
ADCR3
ADCR2
ADCR1
ADCR0
A/D Result Data Register
1000 : Channel 8 ( R64/AN8 )
1001 : Channel 9 ( R65/AN9 )
1010 : Channel 10 ( R66/AN10 )
1011 : Channel 11 ( R67/AN11 )
ENABLE A/D CONVERTER
A/D START ( ADST = 1 )
NOP
ADSF = 1
A/D INPUT CHANNEL SELECT
ANALOG REFERENCE SELECT
READ ADCR
YES
NO
AN11~AN0
100~1000pF
Analog
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com