Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 48 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 48 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 44Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 46Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 47Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 48Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 49Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 50Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 51Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 52Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
48
preliminary
Nov. 1999 Ver 0.0
13. CLOCK GENERATOR
The clock generator produces the basic clock pulses which
provide the system clock to be supplied to the CPU and pe-
ripheral hardware. The main system clock oscillator oscil-
lates with a crystal resonator or a ceramic resonator
connected to the XI and XO pins. External clocks can be
input to the main system clock oscillator. In this case, input
a clock signal to the XI pin and open the XO pin.

Figure 13-1 Block Diagram of Clock Pulse Generator
13.1 Oscillation Circuit
XI and XO are the input and output, respectively, a invert-
ing amplifier which can be set for use as an on-chip oscil-
lator, as shown in Figure 13-2 .
Figure 13-2 Oscillator Connections
SXI and SXO are the input and output, respectively, a in-
verting amplifier which can be set for use as an on-chip os-
Internal system clock
PRESCALER
CLOCK PULSE
÷1
Peripheral clock
÷2
÷4
÷8
÷16
÷128
÷256
÷512 ÷1024
÷32
÷64
GENERATOR
÷2048
STOP
WAKEUP
fXI
OSCILLATION
CIRCUIT
OSCILLATION
CIRCUIT
CIRCUIT
SUB
fSXI
0
1
CLKSEL
MUX
fXI
÷ 4
fXI
÷ 8
fXI
÷32
CS[1:0]
÷4096
System Clock Mode Register
SCMR
ADDRESS : FAH
RESET VALUE : ---00000
-
-
-
CS1
CS0
SUBOFF
CLKSEL MAINOFF
CS[1:0]
Clock selection enable bits
00 : fXI
÷ 210 : fXI ÷16
01 : fXI
÷ 811 : fXI ÷ 64
CLKSEL
Clock selection bit
0 : Main clock selection
1 : Sub clock selection
SUBOFF
Sub clock control bit
0: On sub clock
1: Off sub clock
MAINOFF
Main clock control bit
0: On main clock
1: Off main clock
XO
XI
Vss
C1
C2
Recommended: C1, C2 = 30pF±10pF for Crystals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com