Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 56Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 57Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 58Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 59Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 61Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
60
preliminary
Nov. 1999 Ver 0.0
16. Serial Peripheral Interface
The Serial Peripheral Interface (SPI) module is a serial in-
terface useful for communicating with other peripheral of
microcontroller devices. These peripheral devices may be
serial EEPROMs, shift registers, display drivers, A/D con-
verters, etc.
Figure 16-1 SPI Registers and Block Diagram
The SPI allows 8-bits of data to be synchronously transmit-
ted and received. To accomplish communication, typically
three pins are used:
- Serial Data In
R54/SIN
- Serial Data Out
R55/SOUT
- Serial Clock
R53/SCLK
The serial data transfer operation mode is decided by set-
ting the SM1 and SM0 of SPI Mode Control Register, and
the transfer clock rate is decided by setting the SCK1 and
SCK0 of SPI Mode Control Register as shown in Figure
16-1 . And the polarity of transfer clock is selected by set-
SPI Mode Control Register
SIOM
ADDRESS : E0H
RESET VALUE : 00000000
POL
IOSW
SM1
SM0
SCK1
SCK0
SIOST
SIOSF
POL
Serial Clock Polarity Selection bit.
0 : Data Transmission at falling edge
( Received data latch at rising edge )
1 : Data Transmission at rising edge
( Received data latch at falling edge )
SCK[1:0]
Serial Clock Selection bits
00 : fXI
÷ 4
01 : fXI
÷ 16
10 : TMR0OV ( Overflow of Timer 0 )
11 : External Clock
IOSW
Serial Input Pin Selection bit
0 : SIN(R54) Pin Selection
1 : SOUT(R55) Pin Selection
SIOST
Serial Transmit Start bit
0 : Disable
1 : Start ( After one SCLK, becomes “0” )
SM[1:0]
Serial Operation Mode Selection bits
00 : Normal Port ( R55, R54, R53 )
01 : Transmit Mode ( SOUT,R54, SCLK )
10 : Receive Mode ( R55, SIN, SCLK )
11 : Transmit & Receive Mode ( SOUT, SIN, SCLK )
SIOSF
Serial Transmit Status bit
0 : During Transmission
1 : Finished
SPI Data Register
SIOR
ADDRESS : E1H
RESET VALUE : Undefined
÷ 4
÷16
fXI
SPI Control Circuit
SPI
INTERRUPT
SIOST
0 : Disable
1 : Clear and Start
R53/SCLK
MUX
T0CK[2:0]
SCLKI
TMR0OV
(Timer 0 overflow)
1
0
POL
[SIOM.7]
SCLK
[R5FUNC.3]
SCLKO
Octal Counter ( 3-Bit )
SIOSF
0 : Process
1 : Completed
SIOR ( 8-Bit )
MSB
LSB
R54/SIN
IOSW
R55/SOUT
IOSW
SPIIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com