Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 18Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 19Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 20Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 21Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 22Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 23Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 24Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 25Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
22
preliminary
Nov. 1999 Ver 0.0
DC Characteristics for High-Voltage Pins
( VDD = 5.0V ± 10%, VSS = 0V, TA = -40 ~ 125°C, fXI = 4 MHz, Vdisp=VDD-40V to VDD)
Parameter
Pin
Symbol
Test Condition
Specification
Unit
Min
Typ
Max
Input High Voltage
R0,R1,R2,R30~R35,RA
VIH
0.7VDD
VDD+0.3
V
Input Low Voltage
R0,R1,R2,R30~R35,RA
VIL
VDD-40
0.3VDD
V
Output High
Voltage
R0,R1,R2,R30~R35
VOH
IOH = -15mA
IOH = -10mA
IOH = - 4mA
VDD-3.0
VDD-2.0
VDD-1.0
V
Output Low
Voltage
R0,R1,R2,R30~R35
VOL
Vdisp=VDD-40
150K
Ω atVDD-40
VDD-37
VDD-37
V
Input High
Leakage Current
R0,R1,R2,R30~R35,RA
IIH
VIN=VDD-40V
to VDD
20
uA
Input Pull-down
Current(*Option)
R0,R1,R2,R30~R35
IPD
Vdisp=VDD-35V
VIN=VDD
200
600
1000
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com