Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 81 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 81 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 77Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 78Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 79Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 80Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 81Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 82Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 83Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 84Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 85Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
81
22. RESET
The reset input is the RESET pin, which is the input to a
Schmitt Trigger. A reset in accomplished by holding the
RESET pin low for at least 8 oscillator periods, while the
oscillator running. After reset, 64ms (at 4 MHz) add with
7 oscillator periods are required to start execution as shown
in Figure 26-2 .
Internal RAM is not affected by reset. When VDD is
turned on, the RAM content is indeterminate. Therefore,
this RAM should be initialized before reading or testing it.
Initial state of each register is shown as Table 11-3 .
Figure 22-1 Timing Diagram after RESET
MAIN PROGRAM
Oscillator
(XI pin)
?
?
FFFE FFFF
Stabilization Time
tST = 64mS at 4MHz
RESET
ADDRESS
DATA
1
2
3
4
5
6
7
??
Start
?
?
?
FE
?
ADL
ADH
OP
BUS
BUS
RESET Process Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com