Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 21Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 22Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 23Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 24Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 25Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 26Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 27Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 28Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
25
IOL−VOL, VDD=5V
40
30
20
10
0
(mA)
IOL
VOL
(V)
IOH−VOH, VDD=5V
-20
-15
-10
-5
0
(mA)
IOH
23
45
6
VOH
(V)
12
34
5
fXI=4MHz
VDD−VIH1
4
3
2
1
0
(V)
VIH1
23
45
6
VDD
(V)
VDD−VIH2
4
3
2
1
0
(V)
VIH2
23
45
6
VDD
(V)
Ta=25
°C
fXI=4M H z
Ta=25
°C
1
XI, RESETB
Hysteresis input
-25
°C
85
°C
25
°C
-25
°C
85
°C
25
°C
VDD−VIH3
4
3
2
1
0
(V)
VIH3
23
45
6
VDD
(V)
fXI=4M H z
Ta=25
°C
Normal input
fXI=4MHz
VDD−VIL1
4
3
2
1
0
(V)
VIL1
23
45
6
VDD
(V)
VDD−VIL2
4
3
2
1
0
(V)
VIL2
23
45
6
VDD
(V)
Ta=25
°C
fXI=4M H z
Ta=25
°C
1
XI, RESETB
Hysteresis input
VDD−VIL3
4
3
2
1
0
(V)
VIL3
23
45
6
VDD
(V)
fXI=4M H z
Ta=25
°C
Normal input
**** FOR MODIFIED ****



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com