Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 66 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 66 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 65Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 66Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 67Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 68Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 69Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 70Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
66
preliminary
Nov. 1999 Ver 0.0
19. INTERRUPTS
The GMS81C2020 and GMS81C2120 interrupt circuits
consist of Interrupt enable register (IENH, IENL), Inter-
rupt request flags of IRQH, IRQL, Interrupt Edge Selec-
tion Register (IEDS), priority circuit and Master enable
flag("I" flag of PSW). The configuration of interrupt cir-
cuit is shown in Figure and Interrupt priority is shown in
Table 19-1 .
The External Interrupts INT0 and INT1 can each be transi-
tion-activated (1-to-0, 0-to-1 and both transiton).
The flags that actually generate these interrupts are bit
INT0IF and INT1IF in Register IRQH. When an external
interrupt is generated, the flag that generated it is cleared
by the hardware when the service routine is vectored to
only if the interrupt was transition-activated.
The Timer 0 and Timer 1 Interrupts are generated by T0IF
and T1IF, which are set by a match in their respective tim-
er/counter register. The AD converter Interrupt is generat-
ed by ADIF which is set by finishing the analog to digital
conversion. The Watch dog timer Interrupt is generated by
WDTIF which set by a match in Watch dog timer register
(when the bit WDTON is set to "0"). The Basic Interval
Timer Interrupt is generated by BITIF which is set by a
overflowing of the Basic Interval Timer Register(BITR).
The Serial Peripheral Interface (SPI) is generated by SPIIF
which is set by communicating with other peripheral of mi-
crocontroller devices (by finishing the data transmission).
Figure 19-1 Block Diagram of Interrupt Function
BIT
BITIF
WDTIF
WDT
A/D Converter
Timer 1
Timer 0
External Int. 1
External Int. 0
IENH[7:4]
Interrupt Enable
Interrupt Enable
IRQH[7:4]
IRQL
Interrupt
Vector
Address
Generator
Internal bus line
Register (Lower byte)
Internal bus line
Register (Higher byte)
Release STOP
To CPU
Interrupt Master
Enable Flag[PSW.2]
I Flag
IENL[7:4]
Priority
I-flag is in PSW, it is cleared by "DI", set by
"EI" instruction.When it goes interrupt service,
I-flag is cleared by hardware, thus any other
interrupt are inhibited. When interrupt service is
completed by "RETI" instruction, I-flag is set to
"1" by hardware.
INT0IF
INT1IF
T0IF
T1IF
ADIF
7
6
5
4
7
6
5
SPI
SPIIF
4
IEDS[3:0]
IRQL[7:4]
IRQH
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com