Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 29Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 30Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 31Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 32Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 33Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 34Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 35Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 36Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
33
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
C0H
R0
R0 Port Data Register (Bit[7:0])
C1H
R0IO
R0 Port Direction Register (Bit[7:0])
C2H
R1
R1 Port Data Register (Bit[7:0])
C3H
R1IO
R1 Port Direction Register (Bit[7:0])
C4H
R2
R2 Port Data Register (Bit[7:0])
C5H
R2IO
R2 Port Direction Register (Bit[7:0])
C6H
R3
R3 Port Data Register (Bit[5:0])
C7H
R3IO
R3 Port Direction Register (Bit[5:0])
C8H
R4
R4 Port Data Register (Bit[3:0])
C9H
R4IO
R4 Port Direction Register (Bit[3:0])
CAH
R5
R5 Port Data Register (Bit[7:0])
CBH
R5IO
R5 Port Direction Register (Bit[7:0])
CCH
R6
R6 Port Data Register (Bit[7:0])
CDH
R6IO
R6 Port Direction Register (Bit[7:0])
CEH
R7
R7 Port Data Register (Bit[5:0])
CFH
R7IO
R7 Port Direction Register (Bit[5:0])
D0H
TM0
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
D1H
T0/TDR0/
CDR0
Timer0 Register / Timer0 Data Register / Capture0 Data Register
D2H
TM1
POL
16BIT
PWM1E
CAP1
T1CK1
T1CK0
T1CN
T1ST
D3H
TDR1/
T1PPR
Timer1 Data Register / PWM1 Period Register
D4H
T1/CDR1/
T1PDR
Timer1 Register / Capture1 Data Register / PWM1 Duty Register
D5H
PWM1HR
PWM1 High Register(Bit[3:0])
DEH
BUR
BUCK1
BUCK0
BUR5
BUR4
BUR3
BUR2
BUR1
BUR0
E0H
SIOM
POL
IOSW
SM1
SM0
SCK1
SCK0
SIOST
SIOSF
E1H
SIOR
SPI DATA REGISTER
E2H
IENH
INT0E
INT1E
T0E
T1E
E3H
IENL
ADE
WDTE
BITE
SPIE
-
-
-
-
E4H
IRQH
INT0IF
INT1IF
T0IF
T1IF
E5H
IRQL
ADIF
WDTIF
BITIF
SPIIF
-
-
-
-
E6H
IEDS
IED1H
IED1L
IED0H
IED0L
EAH
ADCM
-
ADEN
ADS3
ADS2
ADS1
ADS0
ADST
ADSF
EBH
ADCR
ADC Result Data Register
ECH
BITR1
Basic Interval Timer Data Register
ECH
CKCTLR1
-
WAKEUP
RCWDT
WDTON
BTCL
BTS2
BTS1
BTS0
Table 11-3 Control Registers of GMS81C2020
These registers of shaded area can not be accessed by bit manipulation instruction as " SET1, CLR1 ", but should be accessed by
register operation instruction as " LDM dp,#imm ".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com