Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 46 Page - Hynix Semiconductor

Part # GMS81C2012
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 46 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 42Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 43Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 44Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 46Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 47Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 48Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 49Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
46
preliminary
Nov. 1999 Ver 0.0
12.7 R5 and R5IO registers
R5 is an 8-bit bidirectional I/O port (address CAH). Each
pin can be set individually as input and output through the
R5IO register (address CBH).In addition, Port R5 is multi-
plexed with Serial Peripheral Interface (SPI). The control
register R5FUNC (address F6H) controls to select Serial
Peripheral Interface function.After reset, the R5IO register
value is "0", port may be used as general I/O ports. To se-
lect Serial Peripheral Interface function, write "1" to the
corresponding bit of R5FUNC.
Figure 12-7 Registers of Port R5
Table 12-1 Registers of Port R5FUNC
12.8 R6 and R6IO registers
R6 is an 8-bit bidirectional I/O port (address CCH). Each
port can be set individually as input and output through the
R6IO register (address CDH).
R67~R60 ports are multiplexed with Analog Input Port
( AN7~AN0 )..
Figure 12-8 Registers of Port R6
PORT
R5FUNC
[6:3]
Description
R56/
PWM1O/
T1O
0
R56 (Normal I/O Port)
1
PWM1 Data Output / Timer
1 Data Output
R55/SOUT
0
R55 (Normal I/O Port)
1
SPI Serial Data Output
R54/SIN
0
R54 (Normal I/O Port)
1
SPI Serial Data Input
R53/SCLK
0
R53 (Normal I/O Port)
0 [R5IO.3]
SCLKO
SPI Synchronous Clock
Output
1 [R5IO.3]
SCLKI
SPI Synchronous Clock
Input
R53
R52
R51
R50
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
R5 Data Register
R5
ADDRESS : CAH
RESET VALUE : Undefined
R5 Direction Register
R5IO
ADDRESS : CBH
RESET VALUE : 00000000
R5 Function Selection Register
R5FUNC
ADDRESS : F6H
RESET VALUE : -0000---
-
-
-
R57
R56
R55
R54
SCLK
SIN
SOUT
PWM1O
-
0 : R56
1 : PWM1O/T1O
0 : R55
1 : SOUT
0 : R54
1 : SIN
0 : R53
1 : SCLK
0 [R5IO.3] : SCLKO
1 [R5IO.3] : SCLKI
R67
R66
R65
R64
R63
R62
R61
R60
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
R6 Data Register
R6
ADDRESS : CCH
RESET VALUE : Undefined
R6 Direction Register
R6IO
ADDRESS : CDH
RESET VALUE : 00000000
ANSEL0
R6 Function Selection Register
R6FUNC
ADDRESS : F7H
RESET VALUE : 00000000
ANSEL7
ANSEL1
ANSEL2
ANSEL3
ANSEL4
ANSEL5
ANSEL6
0 : R60
1 : AN0
0 : R61
1 : AN1
0 : R62
1 : AN2
0 : R63
1 : AN3
0 : R64
1 : AN4
0 : R65
1 : AN5
0 : R66
1 : AN6
0 : R67
1 : AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com