Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 78 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 78 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 72Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 73Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 74Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 75Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 76Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 77Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 78Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 79Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 80Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
78
Oct. 1999 ver 1.0
3. 16-BIT OPERATION
4. BIT MANIPULATION
NO.
MNEMONIC
OP
CODE
BYTE
NO
CYCLE
NO
OPERATION
FLAG
NVGBHIZC
1
ADDW dp
1D
2
5
16-Bits add without carry
YA
← ( YA ) + ( dp +1 ) ( dp )
NV--H-ZC
2CMPW dp
5D
2
4
Compare YA contents with memory pair contents :
(YA)
− (dp+1)(dp)
N-----ZC
3
DECW dp
BD
2
6
Decrement memory pair
( dp+1)( dp)
← ( dp+1) ( dp) - 1
N-----Z-
4
INCW dp
9D
2
6
Increment memory pair
( dp+1) ( dp)
← ( dp+1) ( dp ) + 1
N-----Z-
5LDYA dp
7D
2
5
Load YA
YA
← ( dp +1 ) ( dp )
N-----Z-
6
STYA dp
DD
2
5
Store YA
( dp +1 ) ( dp )
← YA
--------
7SUBW dp
3D
2
5
16-Bits substact without carry
YA
← ( YA ) - ( dp +1) ( dp)
NV--H-ZC
NO.
MNEMONIC
OP
CODE
BYTE
NO
CYCLE
NO
OPERATION
FLAG
NVGBHIZC
1
AND1 M.bit
8B
3
4
Bit AND C-flag : C
← ( C ) ∧ ( M .bit )
-------C
2
AND1B M.bit
8B
3
4
Bit AND C-flag and NOT : C
← ( C ) ∧ ~( M .bit )
-------C
3
BIT dp
0C
2
4
Bit test A with memory :
MM----Z-
4
BIT !abs
1C
3
5
Z
← ( A ) ∧ ( M ) , N ← ( M7 ) , V ← ( M6 )
5
CLR1 dp.bit
y1
2
4
Clear bit : ( M.bit )
← “0”
--------
6
CLRA1 A.bit
2B
2
2
Clear A bit : ( A.bit )
← “0”
--------
7
CLRC
20
1
2
Clear C-flag : C
← “0”
-------0
8
CLRG
40
1
2
Clear G-flag : G
← “0”
--0-----
9
CLRV
80
1
2
Clear V-flag : V
← “0”
-0--0---
10
EOR1 M.bit
AB
3
5
Bit exclusive-OR C-flag : C
← ( C ) ⊕ ( M .bit )
-------C
11
EOR1B M.bit
AB
3
5
Bit exclusive-OR C-flag and NOT : C
← ( C ) ⊕ ~(M .bit) -------C
12
LDC M.bit
CB
3
4
Load C-flag : C
← ( M .bit )
-------C
13
LDCB M.bit
CB
3
4
Load C-flag with NOT : C
← ~( M .bit )
-------C
14
NOT1 M.bit
4B
3
5
Bit complement : ( M .bit )
← ~( M .bit )
--------
15
OR1 M.bit
6B
3
5
Bit OR C-flag : C
← ( C ) ∨ ( M .bit )
-------C
16
OR1B M.bit
6B
3
5
Bit OR C-flag and NOT : C
← ( C ) ∨ ~( M .bit )
-------C
17
SET1 dp.bit
x1
2
4
Set bit : ( M.bit )
← “1”
--------
18
SETA1 A.bit
0B
2
2
Set A bit : ( A.bit )
← “1”
--------
19
SETC
A0
1
2
Set C-flag : C
← “1”
-------1
20
SETG
C0
1
2
Set G-flag : G
← “1”
--1-----
21
STC M.bit
EB
3
6
Store C-flag : ( M .bit )
← C
--------
22
TCLR1 !abs
5C
3
6
Test and clear bits with A :
A - ( M ) , ( M )
← ( M ) ∧ ~( A )
N-----Z-
23
TSET1 !abs
3C
3
6
Test and set bits with A :
A - ( M ) , ( M )
← ( M ) ∨ ( A )
N-----Z-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com