Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 69 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 69 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 65Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 66Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 67Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 68Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 69Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 70Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 71Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 72Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 73Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
69
Figure 23-3 Pin Assignment
Table 23-2 Pin Description in EPROM Mode
VDD
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
VPP
A_D0
A_D1
A_D2
A_D3
EPROM Enable
A_D7
A_D6
A_D5
A_D4
CTL2
CTL1
CTL0
VSS
NC
Pin No.
User Mode
EPROM MODE
Pin Name
Pin Name
Description
1RA4 (AN4)
A_D4
Address Input
Data Input/Output
A12
A4
D4
2
RA5 (AN5)
A_D5
A13
A5
D5
3
RA6 (AN6)
A_D6
A14
A6
D6
4
RA7 (AN7)
A_D7
A15
A7
D7
5
VDD
VDD
Connect to VDD (6.0V)
6
RB0 (AVref/AN0)
CTL0
Read/Write Control
Address/Data Control
7RB1 (BUZ)
CTL1
8
RB2 (INT0)
CTL2
9RB3 (INT1)
VDD
Connect to VDD (6.0V)
10
RB4 (PWM/COMP)
VDD
Connect to VDD (6.0V)
11
XIN
EPROM Enable
High Active, Latch Address in falling edge
12
XOUT
NC
No connection
13
RESET
VPP
Programming Power (0V, 12.75V)
14
VSS
VSS
Connect to VSS (0V)
15,16
RC0, 1
VDD
Connect to VDD (6.0V)
17
RA0 (EC0)
A_D0
Address Input
Data Input/Output
A8
A0
D0
18
RA1 (AN1)
A_D1
A9
A1
D1
19
RA2 (AN2)
A_D2
A10
A2
D2
20
RA3 (AN3)
A_D3
A11
A3
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com