Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1102 Datasheet(PDF) 37 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 37 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 33Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 34Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 35Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 36Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 37Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 38Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 39Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 40Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
37
13. CLOCK GENERATOR
The clock generator produces the basic clock pulses which
provide the system clock to be supplied to the CPU and pe-
ripheral hardware. The main system clock oscillator oscillates
with a crystal resonator or a ceramic resonator
connected to the
Xin and Xout pins. External clocks can be input to the main
system clock oscillator. In this case, input a clock signal to
the Xin pin and open the Xout pin

Figure 13-1 Block Diagram of Clock Pulse Generator
13.1 Oscillation Circuit
XIN and XOUT are the input and output, respectively, a in-
verting amplifier which can be set for use as an on-chip os-
cillator, as shown in Figure 13-2 .
Figure 13-2 Oscillator Connections
To drive the device from an external clock source, Xout
should be left unconnected while Xin is driven as shown in
Figure 13-3. There are no requirements on the duty cycle
of the external clock signal, since the input to the internal
clocking circuitry is through a divide-by-two flip-flop, but
minimum and maximum high and low times specified on
the data sheet must be observed.
Oscillation circuit is designed to be used either with a ce-
ramic resonator or crystal oscillator. Since each crystal and
ceramic resonator have their own characteristics, the user
should consult the crystal manufacturer for appropriate
values of external components
In addition, the GMS87C1202 has an ability for the exter-
nal RC oscillated operation. It offers additional cost sav-
ings for timing insensitive applications. The RC
oscillator frequency is a function of the supply voltage, the
external resistor (Rext) and capacitor (Cext) values, and
the operating temperature.
The user needs to take into account variation due to toler-
ance of external R and C components used. Figure 13-4
shows how the RC combination is connected to the
GMS87C1202.
Figure 13-3 External Clock Connections
Note:
When using a system clock oscillator, carry out wir-
ing in the broken line area in Figure 13-2 to prevent
any effects from wiring capacities.
- Minimize the wiring length.
- Do not allow wiring to intersect with other signal
conductors.
- Do not allow wiring to come near changing high
current.
- Set the potential of the grounding position of the
oscillator capacitor to that of VSS. Do not ground to
any ground pattern where high current is present.
- Do not fetch signals from the oscillator.
Internal system clock
PRESCALER
CLOCK PULSE
÷1
Peripheral clock
÷2
÷4
÷8
÷16
÷128 ÷256
÷512 ÷1024
÷32
÷64
GENERATOR
÷2048
STOP
WAKEUP
fxin
OSCILLATION
CIRCUIT
Xout
Xin
Vss
C1
C2
Recommended: C1, C2 = 30pF±10pF for Crystals
R1
R1 = 1M
Ω
Xout
Xin
Vss
OPEN
External
Clock
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com